Electronic Components Datasheet Search
  English  ▼

X  

AD5689 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5689
Description  Dual, 16-/12-Bit nanoDAC with SPI Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5689 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5689 Datasheet HTML 14Page - Analog Devices AD5689 Datasheet HTML 15Page - Analog Devices AD5689 Datasheet HTML 16Page - Analog Devices AD5689 Datasheet HTML 17Page - Analog Devices AD5689 Datasheet HTML 18Page - Analog Devices AD5689 Datasheet HTML 19Page - Analog Devices AD5689 Datasheet HTML 20Page - Analog Devices AD5689 Datasheet HTML 21Page - Analog Devices AD5689 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD5689/AD5687
Data Sheet
Rev. 0 | Page 18 of 24
SERIAL INTERFACE
The AD5689/AD5687 have a 3-wire serial interface (SYNC,
SCLK, and SDIN) that is compatible with SPI, QSPI™, and
MICROWIRE® interface standards as well as most DSPs. See
Figure 2 for a timing diagram of a typical write sequence. The
AD5689/AD5687 contain an SDO pin that allows the user to
daisy-chain multiple devices together (see the Daisy-Chain
Operation section) or read back data.
Input Shift Register
The input shift register of the AD5689/AD5687 is 24 bits wide,
and data is loaded MSB first (DB23). The first four bits are the
command bits, C3 to C0 (see Table 9), followed by the 4-bit DAC
address bits, composed of DAC B, DAC A, and two don’t care
bits set to 0 (see Table 8). Finally, the data-word completes the
input shift register.
The data-word comprises 16-bit or 12-bit input code, followed by
zero don’t care bits for the AD5689 or four don’t care bits for the
AD5687, as shown in Figure 38 and Figure 39, respectively.
These data bits are transferred to the input shift register on the
24 falling edges of SCLK and updated on the rising edge of SYNC.
Commands can be executed on individual DAC channels or on
both DAC channels, depending on the address bits selected.
Table 8. Address Commands
Address (n)
Selected DAC Channel
DAC B
0
0
DAC A
0
0
0
1
DAC A
1
0
0
0
DAC B
1
0
0
1
DAC A and DAC B
Table 9. Command Definitions
Command
C3
C2
C1
C0
Description
0
0
0
0
No operation
0
0
0
1
Write to Input Register n (dependent on LDAC)
0
0
1
0
Update DAC Register n with contents of Input Register n
0
0
1
1
Write to and update DAC Channel n
0
1
0
0
Power down/power up DAC
0
1
0
1
Hardware LDAC mask register
0
1
1
0
Software reset (power-on reset)
0
1
1
1
Reserved
1
0
0
0
Set up DCEN register (daisy-chain enable)
1
0
0
1
Set up readback register (readback enable)
1
0
1
0
Reserved
…
…
…
…
Reserved
1
1
1
1
Reserved
Figure 38. AD5689 Input Shift Register Content
Figure 39. AD5687 Input Shift Register Content
ADDRESS BITS
COMMAND BITS
DAC
B
0
0
DAC
A
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
C3
C2
C1
C0
DB23 (MSB)
DB0 (LSB)
DATA BITS
ADDRESS BITS
COMMAND BITS
DAC
B
0
0
DAC
A
D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
C3
C2
C1
C0
DB23 (MSB)
DB0 (LSB)
DATA BITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com