Electronic Components Datasheet Search
  English  ▼

X  

AD9508 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9508
Description  1.65 GHz Clock Fanout Buffer with Output Dividers and Delay Adjust
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9508 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9508 Datasheet HTML 3Page - Analog Devices AD9508 Datasheet HTML 4Page - Analog Devices AD9508 Datasheet HTML 5Page - Analog Devices AD9508 Datasheet HTML 6Page - Analog Devices AD9508 Datasheet HTML 7Page - Analog Devices AD9508 Datasheet HTML 8Page - Analog Devices AD9508 Datasheet HTML 9Page - Analog Devices AD9508 Datasheet HTML 10Page - Analog Devices AD9508 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Data Sheet
AD9508
Rev. A | Page 7 of 40
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
As Output
Output Voltage
Logic 1
VDD − 0.4
V
1 mA load current
Logic 0
0.4
V
1 mA load current
SDO
Output Voltage
Logic 1
VDD − 0.4
V
1 mA load current
Logic 0
0.4
V
1 mA load current
TIMING
SCLK
Clock Rate, 1/tCLK
30
MHz
Pulse Width High, tHIGH
4.6
ns
Pulse Width Low, tLOW
3.5
ns
SDIO to SCLK Setup, tDS
2.9
ns
SCLK to SDIO Hold, tDH
0
ns
SCLK to Valid SDIO and SDO, tDV
15
ns
EE
AA
to SCLK Setup (tS)
CS
3.4
ns
AA
CSEE
AA
to SCLK Hold (tC)
0
ns
AA
CSEE
AA
Minimum Pulse Width High
3.4
ns
SERIAL PORT SPECIFICATIONS—I2C MODE
Table 6.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SDA, SCL (AS INPUT)
Input Voltage
Logic 1
VDD − 0.4
V
Logic 0
0.4
V
Input Current
−40
0
µA
For VIN = 10% to 90% DVDD3
Hysteresis of Schmitt Trigger Inputs
150
mV
SDA (AS OUTPUT)
Output Logic 0 Voltage
0.4
V
IO = 3 mA
Output Fall Time from VIH (MIN) to VIL (MAX)
250
ns
10 pF ≤ Cb ≤ 400 pF
TIMING
SCL Clock Rate
400
kHz
Bus-Free Time Between a Stop and Start
Condition, tBUF
1.3
µs
Repeated Start Condition Setup Time, tSU; STA
0.6
µs
Repeated Hold Time Start Condition, tHD;STA
0.6
µs
After this period, the first clock pulse is
generated
Stop Condition Setup Time, tSU; STO
0.6
µs
Low Period of the SCL Clock, tLOW
1.3
µs
High Period of the SCL Clock, tHIGH
0.6
µs
Data Setup Time, tSU; DAT
100
ns
Data Hold Time, tHD; DAT
0
0.9
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com