Electronic Components Datasheet Search
  English  ▼

X  

AD9508 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9508
Description  1.65 GHz Clock Fanout Buffer with Output Dividers and Delay Adjust
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9508 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9508 Datasheet HTML 29Page - Analog Devices AD9508 Datasheet HTML 30Page - Analog Devices AD9508 Datasheet HTML 31Page - Analog Devices AD9508 Datasheet HTML 32Page - Analog Devices AD9508 Datasheet HTML 33Page - Analog Devices AD9508 Datasheet HTML 34Page - Analog Devices AD9508 Datasheet HTML 35Page - Analog Devices AD9508 Datasheet HTML 36Page - Analog Devices AD9508 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
Data Sheet
AD9508
Rev. A | Page 33 of 40
REGISTER MAP BIT DESCRIPTIONS
SERIAL PORT CONFIGURATION (REGISTER 0x00)
Table 24. Serial Configuration
Address
Bits
Bit Name
Description
0x00
7
SDO enable
Enables SPI port SDO pin. This bit does nothing in I²C mode.
1 = 4-wire (SDO pin enabled).
0 = 3-wire (default).
6
LSB first/increment address
Bit order for the SPI port. This bit is nonfunctional in I²C mode.
1 = LSB and byte first. Register addresses are automatically incremented in multibyte
transfers.
0 = MSB and byte first (default). Register addresses are automatically decremented in
multibyte transfers.
5
Soft reset
Device reset.
[4:3]
Reserved
Reserved.
2
Soft reset
Same function as Bit 5 of this register, set Bit 2 and Bit 5 to the same value.
1
LSB first/increment address
Same function as Bit 6 of this register, set Bit 1 and Bit 6 to the same value.
0
SDO enable
Same function as Bit 7 of this register, set Bit 7 and Bit 0 to the same value.
SILICON REVISION (REGISTER 0x0A TO REGISTER 0x0D)
Table 25. Silicon Revision
Address
Bits
Bit Name
Description
0x0A
[7:0]
Silicon Revision[7:0]
A read-only register. Identifies the revision level of the AD9508.
0x0B
[7:0]
Reserved
0x00 = default.
0x0C
[7:0]
Clock Part Family ID[7:0]
A read-only register. This register, together with Register 0x000D, uniquely identifies an
AD9508. No other device in the Analog Devices, Inc., AD95xx family has a value of 0x0005 in
these two registers.
0x05 = default.
0x0D
[7:0]
Clock Part Family ID[15:8]
This register is a continuation of Register 0x000C.
0x00 = default.
CHIP LEVEL FUNCTIONS (REGISTER 0x12 TO REGISTER 0x14)
Table 26. Sleep and Synchronization
Address
Bits
Bit Name
Description
0x12
[7:0]
Reserved
0x00000010 = default
0x13
[7:5]
Reserved
0x000 = default
4
Sleep
0 = disables sleep mode (default)
1 = enables sleep mode
[3:0]
Reserved
0x0000 = default
0x14
[7:1]
Reserved
0x0000000 = default
0
SYNC_BAR
0 = enables a software output synchronization routine
1 = output synchronization via software disabled (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com