Electronic Components Datasheet Search
  English  ▼

X  

AD9508 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9508
Description  1.65 GHz Clock Fanout Buffer with Output Dividers and Delay Adjust
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9508 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9508 Datasheet HTML 28Page - Analog Devices AD9508 Datasheet HTML 29Page - Analog Devices AD9508 Datasheet HTML 30Page - Analog Devices AD9508 Datasheet HTML 31Page - Analog Devices AD9508 Datasheet HTML 32Page - Analog Devices AD9508 Datasheet HTML 33Page - Analog Devices AD9508 Datasheet HTML 34Page - Analog Devices AD9508 Datasheet HTML 35Page - Analog Devices AD9508 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
AD9508
Data Sheet
Rev. A | Page 32 of 40
REGISTER MAP
Register addresses that are not listed in Table 23 are unused, and writing to those registers has no effect. The user should write the default
value to sections of registers marked reserved.
The abbreviation, R, in the optional (Opt) column in Table 23 means read only and NS means that the value does not change during a soft
reset. Note that the default column is represented by Def.
Table 23. Register Map
Reg
Addr
(Hex)
Opt
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
Serial Control Port Configuration and Part Identification
0x00
NS
SPI control
SDO enable
LSB first/
increment
address
Soft reset
Reserved
Soft reset
LSB first/
increment
address
SDO enable
00
0x00
NS
I²C control
Reserved
Soft reset
Reserved
Soft reset
Reserved
00
0x0A
R, NS
Silicon rev
Silicon Revision[7:0]
00
0x0B
R, NS
Reserved
Reserved
00
0x0C
R, NS
Part ID
Clock Part Family ID[7:0]
05
0x0D
R,NS
Part ID
Clock Part Family ID[15:8]
00
Chip Level Functions
0x12
Reserved
Reserved
02
0x13
Sleep
Reserved
Sleep
Reserved
00
0x14
NS
SYNC_BAR
Reserved
SYNC_BAR
01
OUT0 Functions
0x15
OUT0
Divide
Ratio[9:0]
OUT0 Divide Ratio[7:0]
00
0x16
Reserved
OUT0 Divide Ratio[9:8]
00
0x17
OUT0
Phase[9:0]
OUT0 Phase[7:0]
00
0x18
Reserved
OUT0 Phase[10:8]
00
0x19
OUT0 Driver
PD_0
SYNCMASK0
OUT0 Driver Phase[1:0]
OUT0 Mode[2:0]
Reserved
14
0x1A
OUT0 CMOS
EN_CMOS_0P
CMOS_0P_PHASE[1:0]
EN_CMOS_0N
CMOS_0N_PHASE[1:0]
Reserved
00
OUT1 Functions
0x1B
OUT1
Divide
Ratio[9:0]
OUT1 Divide Ratio[7:0]
00
0x1C
Reserved
OUT1 Divide Ratio[9:8]
00
0x1D
OUT1
Phase[9:0]
OUT1 Phase[7:0]
00
0x1E
Reserved
OUT1 Phase[10:8]
00
0x1F
OUT1 Driver
PD_1
SYNCMASK1
OUT1 Driver Phase[1:0]
OUT1 Mode[2:0]
Reserved
14
0x20
OUT1 CMOS
EN_CMOS_1P
CMOS_1P_PHASE[1:0]
EN_CMOS_1N
CMOS_1N_PHASE[1:0]
Reserved
00
OUT2 Functions
0x21
OUT2
Divide
Ratio[9:0]
OUT2 Divide Ratio[7:0]
00
0x22
Reserved
OUT2 Divide Ratio[9:8]
00
0x23
OUT2
Phase[9:0]
OUT2 Phase [7:0]
00
0x24
Reserved
OUT2 Phase[10:8]
00
0x25
OUT2 Driver
PD_2
SYNCMASK2
OUT2 Driver Phase[1:0]
OUT2 Mode[2:0]
Reserved
14
0x26
OUT2 CMOS
EN_CMOS_2P
CMOS_2P_PHASE[1:0]
EN_CMOS_2N
CMOS_2N_PHASE[1:0]
Reserved
00
OUT3 Functions
0x27
OUT3
Divide
Ratio[9:0]
OUT3 Divide Ratio[7:0]
00
0x28
Reserved
OUT3 Divide Ratio[9:8]
00
0x29
OUT3
Phase[9:0]
OUT3 Phase[7:0]
00
0x2A
Reserved
OUT3 Phase[10:8]
00
0x2B
OUT3 Driver
PD_3
SYNCMASK3
OUT3 Driver Phase[1:0]
OUT3 Mode[2:0]
Reserved
14
0x2C
OUT3 CMOS
EN_CMOS_3P
CMOS_3P_PHASE[1:0]
EN_CMOS_3N
CMOS_3N_PHASE[1:0]
Reserved
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com