Electronic Components Datasheet Search
  English  ▼

X  

AD9508 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9508
Description  1.65 GHz Clock Fanout Buffer with Output Dividers and Delay Adjust
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9508 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9508 Datasheet HTML 15Page - Analog Devices AD9508 Datasheet HTML 16Page - Analog Devices AD9508 Datasheet HTML 17Page - Analog Devices AD9508 Datasheet HTML 18Page - Analog Devices AD9508 Datasheet HTML 19Page - Analog Devices AD9508 Datasheet HTML 20Page - Analog Devices AD9508 Datasheet HTML 21Page - Analog Devices AD9508 Datasheet HTML 22Page - Analog Devices AD9508 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
Data Sheet
AD9508
Rev. A | Page 19 of 40
TEST CIRCUITS
INPUT/OUTPUT TERMINATION RECOMMENDATIONS
Figure 34. Typical AC-Coupled or DC-Coupled LVDS or HSTL Configurations
Figure 35. Typical AC-Coupled or DC-Coupled CML Configurations
Figure 36. Typical AC-Coupled or DC-Coupled LVPECL Configurations
Figure 37. Typical 1.8 V CMOS Configurations for Short Trace Lengths
Figure 38. AC-Coupled LVDS or HSTL Output Driver (100 Ω Resistor Can Go
on Either Side of Decoupling Capacitors Placed As Close As Possible To The
Destination Receiver)
Figure 39. DC-Coupled LVDS or HSTL Output Driver
Figure 40. Interfacing the HSTL Driver to a 3.3 V LVPECL Input (This method
incorporates impedance matching and dc biasing for bipolar LVPECL
receivers. If the receiver is self-biased, the termination scheme shown in
Figure 38 is recommended.)
100Ω
CLK
CLK
100Ω
CLK
CLK
AD9508
AD9508
CLK
CLK
CLK
CLK
VCC
VCC
AD9508
AD9508
CLK
CLK
50Ω 50Ω
VCC – 2V
CLK
CLK
50Ω 50Ω
AD9508
AD9508
VCC – 2V
CLK
CLK
AD9508
DOWNSTREAM
DEVICE
WITH HIGH
IMPEDANCE
INPUT AND
INTERNAL
DC-BIAS
0.1µF
0.1µF
100
Ω
AD9508
HSTL OR
LVDS
AD9508
HSTL OR
LVDS
Z0 = 50Ω
Z0 = 50Ω
SINGLE-ENDED
(NOT COUPLED)
LVDS OR 1.8V HSTL
HIGH-IMPEDANCE
DIFFERENTIAL
RECEIVER
100
Ω
3.3V
LVPECL
0.1µF
0.1µF
AD9508
1.8V
HSTL
Z0 = 50Ω
Z0 = 50Ω
SINGLE-ENDED
(NOT COUPLED)
82Ω
VS = 3.3V
82Ω
127Ω
127Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com