Electronic Components Datasheet Search
  English  ▼

X  

AD9508 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9508
Description  1.65 GHz Clock Fanout Buffer with Output Dividers and Delay Adjust
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9508 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9508 Datasheet HTML 19Page - Analog Devices AD9508 Datasheet HTML 20Page - Analog Devices AD9508 Datasheet HTML 21Page - Analog Devices AD9508 Datasheet HTML 22Page - Analog Devices AD9508 Datasheet HTML 23Page - Analog Devices AD9508 Datasheet HTML 24Page - Analog Devices AD9508 Datasheet HTML 25Page - Analog Devices AD9508 Datasheet HTML 26Page - Analog Devices AD9508 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Data Sheet
AD9508
Rev. A | Page 23 of 40
CLOCK DIVIDERS
The four independent channel dividers are 10-bit integer
dividers with a divide range of 1 to 1024 in SPI and I2C modes.
The channel divider block contains duty cycle correction that
guarantees 50% duty cycle for both even and odd divide ratios.
In pin programming mode, divide values of 1 to 8 and 16 are
supported.
PHASE DELAY CONTROL
The AD9508 provides a coarse output phase delay adjustment
between outputs but with a wide delay range that is beneficial
for some applications. The minimum delay step is equivalent to
half the period of the input clock rate. This minimum delay step
can be multiplied from 1 to 2047 times the minimum delay step
to cover a wide delay range. The multiplication of the minimum
delay step is provided for each channel output via the appropriate
internal programming register. Phase delay is not supported in
pin programming mode.
Note that the phase delay adjustment requires the use of the
SYNC function pin. Phase adjustment and output synchroni-
zation occurs on the rising edge of the SYNC pin. Therefore, the
SYNC pin must be pulled low and released to produce the
desired phase relationship between outputs. If the SYNC is not
active low prior to a phase delay change, the desired output
phase delay between outputs is not guaranteed to occur;
instead, a random phase delay can occur between outputs.
However, a future SYNC pulse corrects to the desired phase
relationship, if initiated. During the active low SYNC period,
the outputs are forced to a static state.
Figure 46 shows three independent outputs, each set for DIV = 4
of the input clock rate. By incrementing the phase offset value
in the programming registers from 0 to 2, each output is offset
from the initial edge by a multiple of ½ tCLK. Note that the SYNC
signal is not shown in this timing diagram.
Figure 46. Phase Offset—All Dividers Set for DIV = 4, Phase Set from 0 to 2
RESET MODES
The AD9508 has a power-on reset (POR) and other ways to
apply a reset condition to the chip.
Power-On Reset
During chip power-up, an internal power-on reset pulse is
issued when VDD reaches ~1.15 V and restores the chip to the
default on-chip setting. It takes ~20 ms for the outputs to begin
toggling after the power-on reset pulse signal is internally
generated.
In SPI or I2C modes, the default power-on state of the AD9508
is configured as a buffer with the dividers set to divide by 1. In
pin programmable mode, the part is configured per the
hardwiring of the S0 to S5 pins.
Hardware Reset via the RESET Pin
A hard asynchronous reset is executed by briefly pulling RESET
low. This restores the chip to the on-chip default register settings.
It takes ~20 ms for the outputs to begin toggling after RESET is
released.
Soft Reset via the Serial Port
A soft reset is initiated by setting Bit 2 and Bit 5 in Register 0x000.
Except for Register 0x000, when Bit 5 and Bit 2 are set, the chip
enters a soft reset mode and restores the chip to the on-chip
setting. These bits are self clearing. However, the self clearing
operation does not complete until an additional serial port SCLK
cycle occurs, and the AD9508 is held in reset until that happens.
POWER-DOWN MODE
Individual Clock Channel Power-Down
In SPI or I²C programming mode, the clock distribution
channels can be powered down individually by writing to the
appropriate registers. Powering down a clock channel is similar
to powering down an individual driver, but it saves more power
because additional circuits are also powered down. The register
map details the individual power-down settings for each output
channel. These settings are found in Register 0x0F0, Bit 4; Regis-
ter 0x0F2, Bit 4; Register 0x0F4, Bit 4; and Register 0x0F6, Bit 4.
Note that in all three programming modes, a logic low on the
RESET pin can be used to power down the device.
1
2
3
4
5
6
7
8
9 10
11 12 13 14 15
0
CLOCK INPUT
CLK
DIVIDER OUTPUTS
DIV = 4, DUTY = 50%
START = 0,
PHASE = 0
START = 0,
PHASE = 1
START = 0,
PHASE = 2
tCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com