Electronic Components Datasheet Search
  English  ▼

X  

AD9508 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9508
Description  1.65 GHz Clock Fanout Buffer with Output Dividers and Delay Adjust
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9508 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9508 Datasheet HTML 10Page - Analog Devices AD9508 Datasheet HTML 11Page - Analog Devices AD9508 Datasheet HTML 12Page - Analog Devices AD9508 Datasheet HTML 13Page - Analog Devices AD9508 Datasheet HTML 14Page - Analog Devices AD9508 Datasheet HTML 15Page - Analog Devices AD9508 Datasheet HTML 16Page - Analog Devices AD9508 Datasheet HTML 17Page - Analog Devices AD9508 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
AD9508
Data Sheet
Rev. A | Page 14 of 40
Figure 9. LVDS Propagation Delay vs. Input Common-Mode Voltage
Figure 10. LVDS Output Duty Cycle vs. Output Frequency
Figure 11. CMOS Output Waveform @ 200 MHz with 10 pF Load
Figure 12. CMOS Output Waveform @ 50 MHz with 10 pF Load
Figure 13. Power Supply Current vs. Frequency vs. Number of Outputs Used,
CMOS
Figure 14. CMOS Output Swing vs. Frequency and Resistive Load
COMMON-MODE VOLTAGE (mV)
2.0
1.8
1.6
1.4
2.6
2.4
2.2
300
500
700
900
1100
1300
1500
55
FREQUENCY (MHz)
400
200
0
600
800
1000
1200
1400
1600
60
50
45
40
DIVIDER 1
DIVIDER 2 (FREQUENCY RANGE NORMALIZED FROM 0Hz TO 800MHz)
DIVIDER 3 (FREQUENCY RANGE NORMALIZED FROM 0Hz TO 500MHz)
TIME (1.25ns/DIV)
TIME (5ns/DIV)
25
50
75
100
125
25
50
75
100
125
150
175
200
225
250
FREQUENCY (MHz)
ONE OUTPUT (mA)
TWO OUTPUTS (mA)
THREE OUTPUTS (mA)
FOUR OUTPUTS (mA)
FIVE OUTPUTS (mA)
SIX OUTPUTS (mA)
SEVEN OUTPUTS (mA)
EIGHT OUTPUTS (mA)
0
1.4
1.5
1.6
1.7
1.8
1.9
50
100
150
200
250
FREQUENCY (MHz)
300
Ω LOAD
500
Ω LOAD
750
Ω LOAD
1k
Ω LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com