Electronic Components Datasheet Search
  English  ▼

X  

AD9129BBCZ Datasheet(PDF) 40 Page - Analog Devices

Part # AD9129BBCZ
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129BBCZ Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9129BBCZ Datasheet HTML 36Page - Analog Devices AD9129BBCZ Datasheet HTML 37Page - Analog Devices AD9129BBCZ Datasheet HTML 38Page - Analog Devices AD9129BBCZ Datasheet HTML 39Page - Analog Devices AD9129BBCZ Datasheet HTML 40Page - Analog Devices AD9129BBCZ Datasheet HTML 41Page - Analog Devices AD9129BBCZ Datasheet HTML 42Page - Analog Devices AD9129BBCZ Datasheet HTML 43Page - Analog Devices AD9129BBCZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
AD9119/AD9129
Data Sheet
Rev. 0 | Page 40 of 68
Figure 131 shows the DSC set and hold times with respect to
the DCI signal and data signals.
DCI
DATA
DSC
tS
tH
Figure 131. LVDS Data Port Set and Hold Times
Table 11 shows the typical times for various DAC clock frequencies
that are required to calculate the data valid margin. The amount
of margin that is available for tuning of the DSC sampling point
can be determined using Table 11.
Table 10 lists the values that are guaranteed over the operating
conditions. These values were taken with 50% duty cycle and
DCI swing of 450 mV p-p. For best performance, the duty cycle
variation should be kept below ±5%, and the DCI input should
be as high as possible, up to 800 mV p-p.
Table 10. Data Port Set and Hold Time Window (Guaranteed)
Frequency,
fDAC (MHz)
Time (ps)
Data Port Set and Hold Times (ps)
at DLL Phase
−3
0
+3
1600
tS
−272
−489
−683
tH
682
911
1120
2300
tS
−168
−292
−420
tH
564
705
839
2800
tS
−88
−185
−285
tH
457
559
652
Table 11. Data Port Set and Hold Time Window (Typical)
Frequency,
fDAC1 (MHz)
Time
(ps)
Data Port Set and Hold Times (ps) at DLL Phase
−6
−5
−4
−3
−2
−1
0
+1
+2
+3
+4
+5
+6
1400
tS
−106
−205
−274
−353
−436
−523
−604
−680
−798
−906
−993
−1064
−1131
tH
426
499
571
651
730
813
900
977
1069
1152
1235
1303
1387
1500
tS
−124
−197
−291
−351
−453
−524
−600
−670
−732
−815
−908
−982
−1071
tH
427
490
556
637
713
795
870
942
1025
1100
1181
1241
1320
1600
tS
−120
−191
−252
−335
−402
−495
−552
−626
−704
−776
−847
−902
−978
tH
421
485
550
619
689
760
836
910
989
1049
1128
1195
1250
1700
tS
−111
−184
−226
−301
−370
−442
−528
−580
−641
−719
−784
−822
−895
tH
382
429
489
549
619
700
762
825
907
970
1032
1095
1151
1800
tS
−93
−133
−209
−265
−326
−401
−475
−524
−596
−646
−709
−765
−823
tH
400
442
492
555
617
677
754
816
883
950
1003
1061
1122
1900
tS
−90
−139
−182
−254
−298
−359
−430
−496
−547
−593
−663
−700
−765
tH
398
443
488
535
593
664
717
778
849
900
963
1021
1070
2000
tS
−82
−122
−170
−220
−272
−346
−399
−452
−517
−565
−607
−660
−713
tH
389
423
468
522
571
625
683
733
789
854
908
958
1015
2100
tS
−87
−133
−161
−206
−274
−331
−384
−443
−488
−540
−586
−623
−675
tH
370
409
451
491
536
592
636
696
751
794
855
911
954
2200
tS
−94
−143
−182
−245
−283
−334
−378
−427
−487
−521
−565
−604
−659
tH
415
453
487
523
571
622
673
722
778
818
859
908
956
2300
tS
−93
−131
−182
−227
−270
−312
−357
−388
−439
−485
−531
−570
−623
tH
390
422
456
500
542
595
644
686
731
778
821
858
902
2400
tS
−130
−156
−196
−244
−277
−313
−366
−404
−457
−496
−534
−560
−615
tH
426
459
494
529
567
607
653
698
731
769
815
862
911
2500
tS
−73
−106
−142
−177
−216
−258
−308
−348
−394
−430
−458
−486
−535
tH
370
407
433
467
502
546
582
619
662
702
740
780
828
2600
tS
−43
−76
−115
−145
−184
−228
−275
−306
−351
−375
−402
−443
−491
tH
338
369
396
430
466
503
535
567
614
652
690
725
766
2700
tS
−54
−77
−108
−144
−179
−228
−277
−305
−336
−354
−400
−424
−471
tH
316
340
372
406
441
475
499
539
580
622
654
685
729
2800
tS
−36
−72
−101
−143
−175
−208
−243
−287
−320
−347
−382
−408
−463
tH
335
355
379
404
442
480
511
545
575
607
638
676
717
1
Table 11 shows characterization data for selected fDAC frequencies. Other frequencies are possible, and Table 11 can be used to estimate performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com