Electronic Components Datasheet Search
  English  ▼

X  

AD9129BBCZ Datasheet(PDF) 62 Page - Analog Devices

Part # AD9129BBCZ
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129BBCZ Datasheet(HTML) 62 Page - Analog Devices

Back Button AD9129BBCZ Datasheet HTML 58Page - Analog Devices AD9129BBCZ Datasheet HTML 59Page - Analog Devices AD9129BBCZ Datasheet HTML 60Page - Analog Devices AD9129BBCZ Datasheet HTML 61Page - Analog Devices AD9129BBCZ Datasheet HTML 62Page - Analog Devices AD9129BBCZ Datasheet HTML 63Page - Analog Devices AD9129BBCZ Datasheet HTML 64Page - Analog Devices AD9129BBCZ Datasheet HTML 65Page - Analog Devices AD9129BBCZ Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 68 page
background image
AD9119/AD9129
Data Sheet
Rev. 0 | Page 62 of 68
Analog Control 1 Register
Address: 0x22, Reset: 0x00, Name: ANA_CNT1
Table 42. Bit Descriptions for ANA_CNT1
Bits
Bit Name
Description
Reset
Access
[7:0]
Reserved
Reserved
0x0
R/W
Analog Control 2 Register
Address: 0x23, Reset: 0x0C, Name: ANA_CNT2
Table 43. Bit Descriptions for ANA_CNT2
Bits
Bit Name
Description
Reset
Access
[7:0]
Reserved
Reserved
0x0C
R/W
Clock Control 1 Register
Address: 0x30, Reset: 0x00, Name: CLK REG1
Table 44. Bit Descriptions for CLK REG1
Bits
Bit Name
Description
Reset
Access
7
Reserved
Must be set to 0; reserved
0
R/W
6
Cross enable
Enables zero-crossing control
0
R/W
[5:2]
Cross location
Adjusts zero-crossing control location (signed magnitude)
0
R/W
1
Duty enable
Enables duty cycle correction
0
R/W
0
Select internal
Must be set to 0
0
R/W
Retimer Control 0 Register
Address: 0x33, Reset: 0x30, Name: Retimer Ctrl 0
Table 45. Bit Descriptions for Retime Ctrl 0
Bits
Bit Name
Description
Reset
Access
[7:4]
Phase step
4-bit signed magnitude; PFD phase step = n × 30°
0x3
R/W
3
Clear lost
Clear lost status bit
0
2
PLL divider
1: divide-by-4
0: divide-by-8
0
[1:0]
Retimer mode
0: enable PFD, normal mode
1: reserved
2: reserved
3: reserved
0x0
Retimer Control 1 Register
Address: 0x34, Reset: 0x55, Name: Retimer Ctrl 1
Table 46. Bit Descriptions for Retimer Ctrl 1
Bits
Bit Name
Description
Reset
Access
[7:4]
Reserved
Reserved
0x5
R/W
3
PLL reset_Z
1: normal operation for DAC clock PLL
0: resets the DAC clock PLL
0
R/W
[2:0]
Reserved
Reserved
0x5
R/W
Retimer Status 0 Register
Address: 0x35, Reset: 0x00, Name: Retimer Stat 0
Table 47. Bit Descriptions for Retimer Stat 0
Bits
Bit Name
Description
Reset
Access
7
PLL lock
1: retimer PLL locked
0
R
6
PLL lost
1: retimer PLL lost (can be sticky)
0
R
[5:4]
Reserved
Reserved
0x0
R
[3:0]
Reserved
Reserved
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com