Electronic Components Datasheet Search
  English  ▼

X  

AD9129BBCZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD9129BBCZ
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129BBCZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9129BBCZ Datasheet HTML 22Page - Analog Devices AD9129BBCZ Datasheet HTML 23Page - Analog Devices AD9129BBCZ Datasheet HTML 24Page - Analog Devices AD9129BBCZ Datasheet HTML 25Page - Analog Devices AD9129BBCZ Datasheet HTML 26Page - Analog Devices AD9129BBCZ Datasheet HTML 27Page - Analog Devices AD9129BBCZ Datasheet HTML 28Page - Analog Devices AD9129BBCZ Datasheet HTML 29Page - Analog Devices AD9129BBCZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
AD9119/AD9129
Data Sheet
Rev. 0 | Page 26 of 68
IOUTFS = 28 mA, fDAC = 2.6 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
700
750
800
850
900
fOUT (MHz)
950
1000
–60
–75
–70
–65
–80
–85
–90
FIRST ACLR (dBc)
SECOND ACLR (dBc)
Figure 80. Single-Carrier W-CDMA ACLR vs. fOUT (First ACLR, Second ACLR)
fOUT (MHz)
–60
–75
–70
–65
–80
–85
–90
THIRD ACLR (dBc)
FOURTH ACLR (dBc)
FIFTH ACLR (dBc)
700
750
800
850
900
950
1000
Figure 81. Single-Carrier W-CDMA ACLR vs. fOUT (Third ACLR, Fourth ACLR,
Fifth ACLR)
fOUT (MHz)
–60
–75
–70
–65
–80
–85
–90
FIRST ACLR (dBc)
SECOND ACLR (dBc)
700
750
800
850
900
950
Figure 82. Two-Carrier W-CDMA ACLR vs. fOUT (First ACLR, Second ACLR)
fOUT (MHz)
–60
–75
–70
–65
–80
–85
–90
THIRD ACLR (dBc)
FOURTH ACLR (dBc)
FIFTH ACLR (dBc)
700
750
800
850
900
950
Figure 83. Two-Carrier W-CDMA ACLR vs. fOUT (Third ACLR, Fourth ACLR,
Fifth ACLR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com