Electronic Components Datasheet Search
  English  ▼

X  

AD9129BBCZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD9129BBCZ
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129BBCZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9129BBCZ Datasheet HTML 21Page - Analog Devices AD9129BBCZ Datasheet HTML 22Page - Analog Devices AD9129BBCZ Datasheet HTML 23Page - Analog Devices AD9129BBCZ Datasheet HTML 24Page - Analog Devices AD9129BBCZ Datasheet HTML 25Page - Analog Devices AD9129BBCZ Datasheet HTML 26Page - Analog Devices AD9129BBCZ Datasheet HTML 27Page - Analog Devices AD9129BBCZ Datasheet HTML 28Page - Analog Devices AD9129BBCZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
Data Sheet
AD9119/AD9129
Rev. 0 | Page 25 of 68
IOUTFS = 28 mA, fDAC = 2.6 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
0
200
400
600
800
fOUT (MHz)
1000
1400
1200
–50
–55
–60
–65
–70
–75
–80
–40°C
+25°C
+85°C
Figure 74. SFDR vs. fOUT over Temperature
0
200
400
600
800
fOUT (MHz)
1000
1400
1200
–60
–65
–70
–75
–80
–85
–40°C
+25°C
+85°C
Figure 75. IMD vs. fOUT over Temperature
CENTER 877.5MHz
VBW 3kHz
SPAN 53.84MHz
SWEEP 1.485s
–20
–30
–50
–40
–80
–70
–60
–90
–120
–110
–100
OFFSET FREQ
5MHz
10MHz
15MHz
20MHz
25MHz
INTEG BW
3.84MHz
3.84MHz
3.84MHz
3.84MHz
3.84MHz
dBc
–76.29
–80.60
–81.37
–81.76
–79.29
dBm
–87.08
–91.39
–92.16
–92.56
–90.08
dBc
–75.85
–79.88
–81.09
–81.89
–80.89
dBm
–86.64
–90.68
–91.89
–92.68
–91.69
FILTER
OFF
OFF
OFF
OFF
OFF
TOTAL CARRIER POWER –10.794dBm/3.84MHz
Figure 76. Single-Carrier W-CDMA at 877.5 MHz
0
200
400
600
800
fOUT (MHz)
1000
1200
–150
–155
–160
–165
–170
–40°C
+25°C
+85°C
Figure 77. W-CDMA NSD vs. fOUT over Temperature
0
200
400
600
800
fOUT (MHz)
1000
1400
1200
–145
–150
–155
–160
–165
–170
–40°C
+25°C
+85°C
Figure 78. Single-Tone NSD vs. fOUT over Temperature
CENTER 877.5MHz
VBW 3kHz
SPAN 58.84MHz
SWEEP 1.623s
–20
–30
–50
–40
–80
–70
–60
–90
–120
–110
–100
OFFSET FREQ
5MHz
10MHz
15MHz
20MHz
25MHz
INTEG BW
3.84MHz
3.84MHz
3.84MHz
3.84MHz
3.84MHz
dBc
–72.33
–75.18
–74.76
–72.69
–65.42
dBm
–85.89
–88.74
–88.32
–86.25
–78.99
dBc
–72.37
–75.19
–74.92
–74.60
–73.53
dBm
–85.93
–88.75
–88.48
–88.16
–87.09
FILTER
OFF
OFF
OFF
OFF
OFF
TOTAL CARRIER POWER –10.599dBm/7.68MHz
Figure 79. Two-Carrier W-CDMA at 875 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com