Electronic Components Datasheet Search
  English  ▼

X  

AD9129BBCZ Datasheet(PDF) 56 Page - Analog Devices

Part # AD9129BBCZ
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129BBCZ Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9129BBCZ Datasheet HTML 52Page - Analog Devices AD9129BBCZ Datasheet HTML 53Page - Analog Devices AD9129BBCZ Datasheet HTML 54Page - Analog Devices AD9129BBCZ Datasheet HTML 55Page - Analog Devices AD9129BBCZ Datasheet HTML 56Page - Analog Devices AD9129BBCZ Datasheet HTML 57Page - Analog Devices AD9129BBCZ Datasheet HTML 58Page - Analog Devices AD9129BBCZ Datasheet HTML 59Page - Analog Devices AD9129BBCZ Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
AD9119/AD9129
Data Sheet
Rev. 0 | Page 56 of 68
DEVICE CONFIGURATION REGISTER DESCRIPTIONS
SPI Communications Control Register
Address: 0x00, Reset: 0x81, Name: Mode
Table 18. Bit Descriptions for Mode
Bits
Bit Name
Description
Reset
Access
7
SDIO_DIR
Selects 3-wire or 4-wire mode
1: 3-wire bidirectional
0: 4-wire unidirectional
1
R/W
6
LSB/MSB
LSB/MSB data packing
1: LSB-first packing
0: MSB-first packing
0
R/W
5
SoftReset
1: performs a software-based reset
0
R/W
4
Reserved
Must be set to 0; reserved (short addressing mode)
0
R/W
3
Reserved
Mirror Bit 4 for safety
0
R
2
SoftReset
Mirror Bit 5 for safety
0
R
1
LSB/MSB
Mirror Bit 6 for safety
0
R
0
SDIO_DIR
Mirror Bit 7 for safety
1
R
Power Control Register
Address: 0x01, Reset: 0x48, Name: Power-Down
Table 19. Bit Descriptions for Power-Down
Bits
Bit Name
Description
Reset
Access
7
BG_PD
Band gap power-down
1: band gap is powered down
0: band gap is active
0
R/W
6
IREF_PD
IREF power-down
1: FSC is 0 mA
0: FSC is as programmed
1
R/W
5
BIAS_PD
Bias power-down
1: all bias currents are off
0: all bias currents are on
0
R/W
4
Reserved
Reserved
0
R/W
3
Reserved
Must be set to 1; reserved
1
R/W
2
CLKPATH_PD
Clock path power-down
1: DAC clock is powered down
0: DAC clock is active
0
R/W
1
Retimer_PD
1: PLL is powered down
0
R/W
0
DLL_PD
DLL (data receiver) power-down
1: DLL (data receiver) is powered down
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com