Electronic Components Datasheet Search
  English  ▼

X  

AD9129BBCZ Datasheet(PDF) 59 Page - Analog Devices

Part # AD9129BBCZ
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129BBCZ Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9129BBCZ Datasheet HTML 55Page - Analog Devices AD9129BBCZ Datasheet HTML 56Page - Analog Devices AD9129BBCZ Datasheet HTML 57Page - Analog Devices AD9129BBCZ Datasheet HTML 58Page - Analog Devices AD9129BBCZ Datasheet HTML 59Page - Analog Devices AD9129BBCZ Datasheet HTML 60Page - Analog Devices AD9129BBCZ Datasheet HTML 61Page - Analog Devices AD9129BBCZ Datasheet HTML 62Page - Analog Devices AD9129BBCZ Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
Data Sheet
AD9119/AD9129
Rev. 0 | Page 59 of 68
Data Receiver Control 1 Register
Address: 0x0B, Reset: 0x29, Name: Data Ctrl 1
Table 27. Bit Descriptions for Data Ctrl 1
Bits
Bit Name
Description
Reset
Access
7
Warn clear
1: clears data receiver warning bit
0
R/W
6
Lock delay divider
1: long delay
0: short delay
0
R/W
[5:4]
Controller clock divider
Controller clock divider
00: DCI/4
01: DCI/16
10: DCI/64
11: DCI/512
0x2
R/W
[3:0]
Delay line middle set
Sets nominal delay line delay
0x9
R/W
Data Receiver Control 2 Register
Address: 0x0C, Reset: 0x23, Name: Data Ctrl 2
Table 28. Bit Descriptions for Data Ctrl 2
Bits
Bit Name
Description
Reset
Access
7
Reserved
Reserved
0
R/W
6
DCO enable
1: enables DCO output driver
0
R/W
[5:3]
Maximum delay set
Sets maximum delay line delay (larger number = longer delay line)
0x2
R/W
[2:0]
Minimum delay set
Sets minimum delay line delay (larger number = smaller delay line)
0x3
R/W
Data Receiver Control 3 Register
Address: 0x0D, Reset: 0x04, Name: Data Ctrl 3
Table 29. Bit Descriptions for Data Ctrl 3
Bits
Bit Name
Description
Reset
Access
[7:3]
Reserved
Reserved.
0x00
R
[2:1]
Duty correction BW set
Controller clock divider.
00: highest BW.
01: higher BW.
10: lower BW.
11: lowest BW.
0x2
R/W
0
Reserved
Reserved
0
R/W
Data Receiver Status 0 Register
Address: 0x0E, Reset: 0x00, Name: Data Status 0
Table 30. Bit Descriptions for Data Status 0
Bits
Bit Name
Description
Reset
Access
7
DLL lock
1: DLL lock
0
R
6
DLL warning
1: DLL near beginning/end of delay line
0
R
5
DLL delay line start warning
1: DLL at beginning of delay line
0
R
4
DLL delay line end warning
1: DLL at end of delay line
0
R
3
DLL correct phase
1: data is sampled on correct phase
0: data is sampled on incorrect phase.
0
R
2
DCI on
1: user has provided a clock > 100 MHz
0
R
1
DLL lock phase
1: DLL is locked on negative half of DCI.
0: DLL is locked on positive half of DCI
0
R
0
DLL running
1: closed loop DLL attempting to lock
0: delay fixed at middle of delay line
0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com