Electronic Components Datasheet Search
  English  ▼

X  

ADF4159 Datasheet(PDF) 34 Page - Analog Devices

Part # ADF4159
Description  Direct Modulation/Fast Waveform Generating, 13 GHz, Fractional-N Frequency Synthesizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4159 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADF4159 Datasheet HTML 28Page - Analog Devices ADF4159 Datasheet HTML 29Page - Analog Devices ADF4159 Datasheet HTML 30Page - Analog Devices ADF4159 Datasheet HTML 31Page - Analog Devices ADF4159 Datasheet HTML 32Page - Analog Devices ADF4159 Datasheet HTML 33Page - Analog Devices ADF4159 Datasheet HTML 34Page - Analog Devices ADF4159 Datasheet HTML 35Page - Analog Devices ADF4159 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
ADF4159
Data Sheet
Rev. B | Page 34 of 36
APPLICATION OF THE ADF4159 IN FMCW RADAR
Figure 54 shows the application of the ADF4159 in a frequency
modulated continuous wave (FMCW) radar system. In the FMCW
radar system, the ADF4159 is used to generate the sawtooth or
triangle ramps that are necessary for this type of radar to operate.
Traditionally, the PLL was driven directly by a direct digital
synthesizer (DDS) to generate the required type of waveform. Due
to the waveform generating mechanism that is implemented on
the ADF4159, a DDS is no longer needed, which reduces cost.
The PLL solution also has advantages over another method for
generating FMCW ramps: a DAC driving the VCO directly; this
method suffers from nonlinearities of the VCO tuning character-
istics, requiring compensation. The PLL method produces highly
linear ramps without the need for calibration.
ADSP-BF531
AD8283
ADC
10 BITS TO
12 BITS
16 BITS
:
.
.
MULT ×2
ADF4159
VCO
BASEBAND
PA
REFERENCE
OSCILLATOR
HPF
MUX
:
×2
NO DDS REQUIRED
WITH ADF4159
LINEAR
FREQUENCY
SWEEP
MICRO-
CONTROLLER
DSP
BUS
CAN/FLEXRAY
FREQUENCY MODULATED CONTINUOUS WAVE
LONG RANGE RADAR
RANGE
COMPENSATION
MIXER
Tx
ANTENNA
Rx
ANTENNAS
Figure 54. FMCW Radar with the ADF4159



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com