Electronic Components Datasheet Search
  English  ▼

X  

ADF4159 Datasheet(PDF) 32 Page - Analog Devices

Part # ADF4159
Description  Direct Modulation/Fast Waveform Generating, 13 GHz, Fractional-N Frequency Synthesizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4159 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADF4159 Datasheet HTML 28Page - Analog Devices ADF4159 Datasheet HTML 29Page - Analog Devices ADF4159 Datasheet HTML 30Page - Analog Devices ADF4159 Datasheet HTML 31Page - Analog Devices ADF4159 Datasheet HTML 32Page - Analog Devices ADF4159 Datasheet HTML 33Page - Analog Devices ADF4159 Datasheet HTML 34Page - Analog Devices ADF4159 Datasheet HTML 35Page - Analog Devices ADF4159 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
ADF4159
Data Sheet
Rev. B | Page 32 of 36
FAST LOCK MODE
The ADF4159 can operate in fast lock mode. In this mode, the
charge pump current is boosted and additional resistors are
connected to maintain the stability of the loop.
Fast Lock Timer and Register Sequences
If the fast lock mode is used, a timer value must be loaded into
the PLL to determine the time spent in wide bandwidth mode.
When Bits DB[20:19] in Register R4 are set to 01 (fast lock
divider), the timer value is loaded via the 12-bit clock divider
value. Before fast lock is enabled, the initialization sequence
must be performed after the part is first powered up (see the
Initialization Sequence section). Note that the fast lock feature
does not work in ramp mode.
To use fast lock, the PLL must be written to in the following
sequence:
1. Set Bits DB[20:19] = 01 in Register R4 and set the fast lock
timer value (Bits DB[18:7]).
2. If a longer time in wide loop bandwidth is required, set the
CLK1 divider value (Bits DB[14:3]) in Register R2.
Note that the length of time that the PLL remains in wide band-
width mode is equal to CLK1 × fast lock timer/fPFD, where CLK1
is the 12-bit CLK1 divider programmed in Register R2.
Fast Lock Example
In this example, the PLL has a reference frequency of 13 MHz
(fPFD = 13 MHz) and a required lock time of 50 µs with CLK1 = 10
(12-bit CLK1 divider in Register R2). In this case, the PLL is set
to wide bandwidth mode for 40 µs.
If the time period set for wide bandwidth mode is 40 µs, then
Fast Lock Timer Value = Time in Wide Bandwidth × fPFD/CLK1
Fast Lock Timer Value = 40 µs × 13 MHz/10 = 52.
Therefore, 52 must be loaded into the clock divider value
in Register R4 (Step 1 in the Fast Lock Timer and Register
Sequences section).
Fast Lock Loop Filter Topology
To use fast lock mode, an extra connection from the PLL to the
loop filter is needed. The damping resistor in the loop filter must
be reduced to ¼ of its value in wide bandwidth mode. This reduc-
tion is required because the charge pump current is increased
by 16 in wide bandwidth mode, and stability must be ensured.
To further enhance stability and mitigate frequency overshoot
during a frequency change in wide bandwidth mode, Resistor R3
is connected (see Figure 52). During fast lock, the SW1 pin is
shorted to ground, and the SW2 pin is connected to CP (set
Bits DB[20:19] in Register R4 to 01 for fast lock divider).
The following two topologies can be used:
•
Divide the damping resistor (R1) into two values (R1 and
R1A) that have a ratio of 1:3 (see Figure 52).
•
Connect an extra resistor (R1A) directly from SW1 (see
Figure 53). The extra resistor must be selected such that the
parallel combination of an extra resistor and the damping
resistor (R1) is reduced to ¼ of the original value of R1.
For both topologies, the ratio R3:R2 must equal 1:4.
ADF4159
SW2
SW1
CP
C1
C2
R1
R1A
R3
R2
C3
VCO
Figure 52. Fast Lock Loop Filter Topology 1
ADF4159
SW2
SW1
CP
C1
C2
R1
R1A
R3
R2
C3
VCO
Figure 53. Fast Lock Loop Filter Topology 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com