Electronic Components Datasheet Search
  English  ▼

X  

ASBSERIES Datasheet(PDF) 7 Page - EPCOS

Part # ASBSERIES
Description  Barometric pressure transmitters for SMT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

ASBSERIES Datasheet(HTML) 7 Page - EPCOS

Back Button ASBSERIES Datasheet HTML 3Page - EPCOS ASBSERIES Datasheet HTML 4Page - EPCOS ASBSERIES Datasheet HTML 5Page - EPCOS ASBSERIES Datasheet HTML 6Page - EPCOS ASBSERIES Datasheet HTML 7Page - EPCOS ASBSERIES Datasheet HTML 8Page - EPCOS ASBSERIES Datasheet HTML 9Page - EPCOS ASBSERIES Datasheet HTML 10Page - EPCOS ASBSERIES Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Pressure sensors
Barometric pressure transmitters for SMT
ASB series
Preliminary data
AS SEN PD
2011-05-02
Please read Cautions and warnings and
Page 7 of 16
Important notes at the end of this document
.
I²C measurement request operation (Read_MR)
The Read_MR command forces the sensor to wake up from sleep mode and to perform a complete measurement and
calculation cycle. The Read_MR command is only containing the slave address and the READ bit (HIGH state) both sent by
the master. After the sensor responds with the slave ACK, the master must create a stop condition.
S 6 5 4 3 2 1 0 R A
Device Slave Address
[0:6]
Wait for
Slave ACK
S
S
R
A
S
Start Condition
Device Slave Address (0x28h)
Read Bit (HIGH)
Acknowledge (ACK)
Stop Condition
S 6 5 4 3 2 1 0 R A
Device Slave Address
[0:6]
Wait for
Slave ACK
S
S
R
A
S
Start Condition
Device Slave Address (0x28h)
Read Bit (HIGH)
Acknowledge (ACK)
Stop Condition
I²C reduced measurement request operation (Write_MR)
The Write_MR command forces the sensor to wake up from sleep mode and to perform only a pressure measurement and
calculation cycle. (Please Note: Obsolete, maybe invalid, temperature data is used to calculate the pressure data. For using
updated temperature data, please use the I²C measurement request operation – Read_MR) The Write_MR command is
faster then the Read_MR command, but perhaps results are insufficient. The Write_MR command is only containing the
slave address and the WRITE bit (LOW state) both sent by the master. After the sensor responds with the slave ACK, the
master must create a stop condition.
S 6 5 4 3 2 1 0 W A
Device Slave Address
[0:6]
Wait for
Slave ACK
S
S
W
A
S
Start Condition
Device Slave Address (0x28h)
Write Bit (LOW)
Acknowledge (ACK)
Stop Condition
S 6 5 4 3 2 1 0 W A
Device Slave Address
[0:6]
Wait for
Slave ACK
S
S
W
A
S
Start Condition
Device Slave Address (0x28h)
Write Bit (LOW)
Acknowledge (ACK)
Stop Condition
I²C data fetch operations
For data fetch operations, the I²C master must start with the 7bit slave address (0x28h) with the 8
th bit high (READ request).
The sensor (I²C slave node) sends an acknowledge (ACK) indicating success. The sensor sends up to 4 data bytes
depending on the master’s NACK.
S 6 5 4 3 2 1 0 R A
S
15 14 13 12 11 10 9 8 A 7 6 5 4 3 2 1 0 A 10 9 8 7 6 5 4
A
3
2 1 0 x x x x x N
Device Slave Address
[0:6]
Wait for
Slave ACK
Pressure Data
[13:8]
Master ACK
Pressure Data
[7:0]
Master ACK
Temperature Data
[10:3]
Master ACK
T. Data
[2:0]
reserved
Master NACK
S
R
A
Start Condition
Device Slave Address (0x28h)
Read Bit
Acknowledge (ACK)
No Acknowledge (NACK)
Status Bit
Pressure Data
Temperature Data
x
reserved
S Stop Condition
N
S 6 5 4 3 2 1 0 R A
S
15 14 13 12 11 10 9 8 A 7 6 5 4 3 2 1 0 A 10 9 8 7 6 5 4
A
3
2 1 0 x x x x x N
Device Slave Address
[0:6]
Wait for
Slave ACK
Pressure Data
[13:8]
Master ACK
Pressure Data
[7:0]
Master ACK
Temperature Data
[10:3]
Master ACK
T. Data
[2:0]
reserved
Master NACK
S
R
A
Start Condition
Device Slave Address (0x28h)
Read Bit
Acknowledge (ACK)
No Acknowledge (NACK)
Status Bit
Pressure Data
Temperature Data
x
reserved
S Stop Condition
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com