Electronic Components Datasheet Search
  English  ▼

X  

ASBSERIES Datasheet(PDF) 11 Page - EPCOS

Part # ASBSERIES
Description  Barometric pressure transmitters for SMT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

ASBSERIES Datasheet(HTML) 11 Page - EPCOS

Back Button ASBSERIES Datasheet HTML 7Page - EPCOS ASBSERIES Datasheet HTML 8Page - EPCOS ASBSERIES Datasheet HTML 9Page - EPCOS ASBSERIES Datasheet HTML 10Page - EPCOS ASBSERIES Datasheet HTML 11Page - EPCOS ASBSERIES Datasheet HTML 12Page - EPCOS ASBSERIES Datasheet HTML 13Page - EPCOS ASBSERIES Datasheet HTML 14Page - EPCOS ASBSERIES Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Pressure sensors
Barometric pressure transmitters for SMT
ASB series
Preliminary data
AS SEN PD
2011-05-02
Please read Cautions and warnings and
Page 11 of 16
Important notes at the end of this document
.
7. Product Key
AS B 1.200 VR TN H19 KXXXX
Customer Specific Index
Optional, reserved
Pressure Feed
Reserved
Operating Temperature
Range
TN
TE
Normal Temperature Range (-40°C … +85°C)
Extended Temperature Range (-40°C … +125°C)
Output signal
VR
V1
D5
0.1 ... 0.9 V/V (ratiometrical)
0 ... 1 V
I²C (pressure 14 bit / temperature 11 bit)
Rated pressure range
1.200 bar
(17.4 psi)
Measuring type
B
Barometric (Absolute)
Sensor type
AS
Advanced Surface Mount Technology
8. Ordering Codes
Normal Temperature Range
Extended Temperature Range
Rated Pressure
pr [bar]
([psi])
Ratiometric
0..1000 mV
I²C (14 bit)
Ratiometric
0..1000 mV
I²C (14 bit)
1.200
(17.4)
n/n
(ASB 1.200 VR TN H19)
n/n
(ASB 1.200 V1 TN H19)
n/n
(ASB 1.200 D5 TN H19)
n/n
(ASB 1.200 VR TE H19)
n/n
(ASB 1.200 V1 TE H19)
n/n
(ASB 1.200 D5 TE H19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com