Electronic Components Datasheet Search
  English  ▼

X  

ASBSERIES Datasheet(PDF) 15 Page - EPCOS

Part # ASBSERIES
Description  Barometric pressure transmitters for SMT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

ASBSERIES Datasheet(HTML) 15 Page - EPCOS

Back Button ASBSERIES Datasheet HTML 8Page - EPCOS ASBSERIES Datasheet HTML 9Page - EPCOS ASBSERIES Datasheet HTML 10Page - EPCOS ASBSERIES Datasheet HTML 11Page - EPCOS ASBSERIES Datasheet HTML 12Page - EPCOS ASBSERIES Datasheet HTML 13Page - EPCOS ASBSERIES Datasheet HTML 14Page - EPCOS ASBSERIES Datasheet HTML 15Page - EPCOS ASBSERIES Datasheet HTML 16Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Pressure sensors
Barometric pressure transmitters for SMT
ASB series
Preliminary data
AS SEN PD
2011-05-02
Please read Cautions and warnings and
Page 15 of 16
Important notes at the end of this document
.
Cautions and warnings
Storage
The pressure sensors should be stored in their original packaging. They should not be placed in harmful
environments such as corrosive gases nor exposed to heat or direct sunlight, which may cause deformations.
Similar effects may result from extreme storage temperatures and climatic conditions.
Avoid storing the pressure sensors in an environment where condensation may form or in a location exposed to
corrosive gases, which will adversely affect their performance.
Soldering
The thermal capacity of the pressure sensor is normally low, so steps should be taken to minimize the effects of
external heat. High temperatures may lead to damage or changes in characteristics.
A no-clean flux should normally be used. Flux removal processes are not recommended.
Avoid rapid cooling due to dipping in solvent. Note that the output signal may change if pressure is applied to
the terminals during soldering.
Operation
Media compatibility with the pressure sensors must be ensured to prevent their failure (see page 2).
The use of other media can cause damage and malfunction.
Never use them in atmospheres containing explosive liquids or gases.
Ensure pressure equalization to the environment, if relative pressure sensors are used.
Avoid operating the pressure sensors in an environment where condensation may form or in a location exposed
to corrosive gases. These environments adversely affect their performance.
If the operating pressure is not within the rated pressure range, it may change the output characteristics.
Be sure that the applicable pressure does not exceed the overpressure, it may damage the pressure sensor.
Do not exceed the maximum rated supply voltage, it may damage the pressure sensor.
Do not exceed the rated storage temperature range, it may damage the pressure sensor.
Temperature variations in both the ambient conditions and the media (liquid or gas) can affect the accuracy of
the output signal from the pressure sensors. Be sure to check the operating temperature range and thermal
error specification of the pressure sensors to determine their suitability for the application.
Connections must be wired in accordance with the terminal assignment specified in this publication.
Care should be taken as reversed pin connections can damage the pressure sensors or degrade their
performance.
Contact between the pressure sensor terminals and metals or other materials may cause errors in the output
characteristics.
This listing does not claim to be complete, but merely reflects the experience of EPCOS AG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com