Electronic Components Datasheet Search
  English  ▼

X  

ASBSERIES Datasheet(PDF) 8 Page - EPCOS

Part # ASBSERIES
Description  Barometric pressure transmitters for SMT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

ASBSERIES Datasheet(HTML) 8 Page - EPCOS

Back Button ASBSERIES Datasheet HTML 4Page - EPCOS ASBSERIES Datasheet HTML 5Page - EPCOS ASBSERIES Datasheet HTML 6Page - EPCOS ASBSERIES Datasheet HTML 7Page - EPCOS ASBSERIES Datasheet HTML 8Page - EPCOS ASBSERIES Datasheet HTML 9Page - EPCOS ASBSERIES Datasheet HTML 10Page - EPCOS ASBSERIES Datasheet HTML 11Page - EPCOS ASBSERIES Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Pressure sensors
Barometric pressure transmitters for SMT
ASB series
Preliminary data
AS SEN PD
2011-05-02
Please read Cautions and warnings and
Page 8 of 16
Important notes at the end of this document
.
I²C Status Bits
The sensor offers a full siute of diagnostic features to ensure robust system operation. The diagnostic states are indicated by
a transmission of the status of the 2 MSBs of the pressure high byte data.
Status Bits
Definition
00
Normal operation, good (fresh) data packet
01
Reserved
10
Stale data: Data that has already been fetched since the last measurement cycle
11
Internal error occured
I²C data fetch example
S
R
A
Start Condition
Device Slave Address (0x28h)
Read Bit
Acknowledge (ACK)
No Acknowledge (NACK)
Status Bit
Pressure Data
Temperature Data
x
reserved
S Stop Condition
N
S 0 1 0 1 0 0 0 1 A
S
0 0 0 0 0 1 1 0 A 0 1 1 0 0 1 1 0 A 0 1 0 1 1 0 0
A
1
1 0 1 x x x x x N
Device Slave Address
0x28h
Pressure Data
00011001100110 = 0x666h = 1638d
0 mbar (rel.)
Temperature Data
01011001101 = 0x2CDh = 717d
20
°C
Status Bits
00
normal operation, fresh data package
S
R
A
Start Condition
Device Slave Address (0x28h)
Read Bit
Acknowledge (ACK)
No Acknowledge (NACK)
Status Bit
Pressure Data
Temperature Data
x
reserved
S Stop Condition
N
S 0 1 0 1 0 0 0 1 A
S
0 0 0 0 0 1 1 0 A 0 1 1 0 0 1 1 0 A 0 1 0 1 1 0 0
A
1
1 0 1 x x x x x N
Device Slave Address
0x28h
Pressure Data
00011001100110 = 0x666h = 1638d
0 mbar (rel.)
Temperature Data
01011001101 = 0x2CDh = 717d
20
°C
Status Bits
00
normal operation, fresh data package
S 0 1 0 1 0 0 0 1 A
S
0 0 0 0 0 1 1 0 A 0 1 1 0 0 1 1 0 A 0 1 0 1 1 0 0
A
1
1 0 1 x x x x x N
Device Slave Address
0x28h
Pressure Data
00011001100110 = 0x666h = 1638d
0 mbar (rel.)
Temperature Data
01011001101 = 0x2CDh = 717d
20
°C
Status Bits
00
normal operation, fresh data package
I²C protocol limitations
Please note:
•
Sending a start-stop condition without any transition on the CLK line (no clock pulses in between) creates a
communication error for the next communication, even if the next start condition is correct and the clock pulse is
applied. An additional start condition must be sent, which results in restoration of proper communication.
•
The restart condition – a falling SDA edge during data transmission when the CLK line is still high – creates the
same situation. The next communication fails, and an additional start condition must be sent for correct
communication.
•
A falling SDA edge is not allowed between the start condition and the first rising SCL edge. If using an I²C address
with the first bit 0, SDA must be held low from the start condition through the first bit.
•
If a data fetch is performed before or during the first measurement after power-on reset (POR), the fetched data is
invalid, even though the status bits report it as “valid” or “stale”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com