Electronic Components Datasheet Search
  English  ▼

X  

ASBSERIES Datasheet(PDF) 14 Page - EPCOS

Part # ASBSERIES
Description  Barometric pressure transmitters for SMT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

ASBSERIES Datasheet(HTML) 14 Page - EPCOS

Back Button ASBSERIES Datasheet HTML 8Page - EPCOS ASBSERIES Datasheet HTML 9Page - EPCOS ASBSERIES Datasheet HTML 10Page - EPCOS ASBSERIES Datasheet HTML 11Page - EPCOS ASBSERIES Datasheet HTML 12Page - EPCOS ASBSERIES Datasheet HTML 13Page - EPCOS ASBSERIES Datasheet HTML 14Page - EPCOS ASBSERIES Datasheet HTML 15Page - EPCOS ASBSERIES Datasheet HTML 16Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Pressure sensors
Barometric pressure transmitters for SMT
ASB series
Preliminary data
AS SEN PD
2011-05-02
Please read Cautions and warnings and
Page 14 of 16
Important notes at the end of this document
.
Symbols and terms
1)
Storage temperature range Tst
A storage of the pressure sensor within the temperature range Tst,min up to Tst,max
and without applied pressure and supply voltage will not affect the performance of the pressure sensor.
2)
Operating temperature range Top
An operation of the pressure sensor within the temperature range Top,min up to Top,max
will not affect the performance of the pressure sensor.
3)
Compensated temperature range Tc
While operating the pressure sensor within the temperature range Tc,min up to Tc,max,
the deviation of the output signal from the values at 25 °C will not exceed the temperature coefficients.
Out of the compensated temperature range, the deviations may increase.
4)
Rated pressure pr
Within the rated pressure range 0 up to pr,max the signal output characteristic corresponds to this specification.
5)
Overpressure pOV
Pressure cycles within the pressure range 0 up to pov will not affect the performance of the pressure sensor.
6)
Supply voltage Vsupply
Vsupply,max is the maximum permissible supply voltage, which can be applied without damages.
Vsupply,min is the minimum required supply voltage, which has to be applied for normal operation.
7)
Signal output current IA
IA,max is the maximum permissible sink current of the signal output.
Exceeding (e.g. short circuit) may cause irreparable damages.
8)
Start up time tSTA
Time between the start up of the normal operation after power on and the first valid output signal.
9)
Offset Vout,0
The offset Vout,0 is the signal output VA(p = 0) at zero pressure.
10) Signal span (Full Scale)
Simple output:
VFS = FS = Vout(pr,max) – VA0
11) Non-linearity L (including pressure hysteresis)
The non-linearity is the deviation of the real sensor characteristic VA = f(p) from the ideal straight line.
It can be approximated by a polynomial of second order, with the maximum at px = pr / 2 .
The equation to calculate the non-linearity is:
r
x
out
r
out
out
x
out
p
p
V
p
V
V
p
V
L
−
−
−
=
0
,
0
,
)
(
)
(
12) Response time t
10-90
Delay between a pressure change (10 ... 90% pr) and the corresponding signal output change (10 ... 90% FS).
13) Resolution r
OUT
The resolution of the output DAC (digital/analog converter). For ratiometric output only 80% of DAC range is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com