Electronic Components Datasheet Search
  English  ▼

X  

ASBSERIES Datasheet(PDF) 10 Page - EPCOS

Part # ASBSERIES
Description  Barometric pressure transmitters for SMT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

ASBSERIES Datasheet(HTML) 10 Page - EPCOS

Back Button ASBSERIES Datasheet HTML 6Page - EPCOS ASBSERIES Datasheet HTML 7Page - EPCOS ASBSERIES Datasheet HTML 8Page - EPCOS ASBSERIES Datasheet HTML 9Page - EPCOS ASBSERIES Datasheet HTML 10Page - EPCOS ASBSERIES Datasheet HTML 11Page - EPCOS ASBSERIES Datasheet HTML 12Page - EPCOS ASBSERIES Datasheet HTML 13Page - EPCOS ASBSERIES Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Pressure sensors
Barometric pressure transmitters for SMT
ASB series
Preliminary data
AS SEN PD
2011-05-02
Please read Cautions and warnings and
Page 10 of 16
Important notes at the end of this document
.
6. Reliability Testing
Performed Tests:
Test
Standard
Test conditions
Early Life Failure Rate
(ELFR)
following to
AEC-Q100-008
- Storage for 24h at +105°C
Preconditioning (PC)
following to
AEC-Q100,
JEDEC J-STD-020 and
JEDEC JESD22-A113
- Parts from ELFR test
- 5 cycles shipping conditions
(-40°C to +60°C)
- Bake 24h at +125°C
- Soak 192h at +30°C and 60% r.h.
- Apply 3 reflow soldering cycles
High Temperature
Storage Life (HTSL)
following to
AEC-Q100 and
JEDEC JESD22-A103
- Parts from PC test
- Storage for 1000h at +125°C
- Unpowered
High Temperature
Operating Life (HTOL)
following to
AEC-Q100 and
JEDEC JESD22-A108
- Parts from ELFR test
- Operating for 408h at +105°C
- Powered with Vsupply at +5VDC
Variable Frequency
Vibration Test (VFV)
following to
AEC-Q100 and
JEDEC JESD22-B103
- Parts from ELFR test
- Logarithmic sweep from 20Hz to 2KHz to 20Hz
within 4min
- Max. acceleration at 50g
- 4 x 4min in each orientation (total 144min)
Mechanical Shock Test
(MS)
following to
AEC-Q100 and
JEDEC JESD22-B104
- Parts from ELFR test
- 5 pulses with 1,500g peak acceleration in positive
vertical direction
- Peak duration 0.5ms
Pressure Cycle Test
(Internal standard)
- Parts from ELFR test
- 1,000,000 pressure cycles between minimum
rated pressure (pr,min) and overpressure (pov)
- Test performed at room temperature
Test Criterion:
All sensors have to be within the specified tolerances before and after each test listed below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com