Electronic Components Datasheet Search
  English  ▼

X  

ADG406BNZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADG406BNZ
Description  LC2MOS 8-/16-Channel High Performance Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG406BNZ Datasheet(HTML) 4 Page - Analog Devices

  ADG406BNZ Datasheet HTML 1Page - Analog Devices ADG406BNZ Datasheet HTML 2Page - Analog Devices ADG406BNZ Datasheet HTML 3Page - Analog Devices ADG406BNZ Datasheet HTML 4Page - Analog Devices ADG406BNZ Datasheet HTML 5Page - Analog Devices ADG406BNZ Datasheet HTML 6Page - Analog Devices ADG406BNZ Datasheet HTML 7Page - Analog Devices ADG406BNZ Datasheet HTML 8Page - Analog Devices ADG406BNZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADG406/ADG407/ADG426
Rev. B | Page 4 of 20
SPECIFICATIONS
DUAL SUPPLY
VDD = +15 V ± 10%, VSS = −15 V ± 10%, GND = 0 V, unless otherwise noted.
Table 1.
Parameter1
+25°C
−40°C to +85°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VSS to VDD
V
RON
50
Ω typ
VD = ±10 V, IS = −1 mA
80
125
Ω max
VDD = +13.5 V, VSS = −13.5 V
RON Match
4
Ω typ
VD = 0 V, IS = −1 mA
LEAKAGE CURRENTS
VDD = +16.5 V, VSS = −16.5 V
Source Off Leakage IS (Off)
±0.5
±20
nA max
VD = ±10 V, VS = +10 V, see Figure 26
Drain Off Leakage ID (Off )
VD = ±10 V, VS = +10 V; see Figure 27
ADG406, ADG426
±1
±20
nA max
ADG407
±1
±20
nA max
Channel On Leakage ID, IS (On)
VS = VD = ±10 V; see Figure 28
ADG406, ADG426
±1
±20
nA max
ADG407
±1
±20
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
±1
μA max
VIN = 0 or VDD
CIN, Digital Input Capacitance
8
pF typ
f = 1 MHz
DYNAMIC CHARACTERISTICS2
tTRANSITION
120
ns typ
RL = 300 Ω, CL = 35 pF; V1 = ±10 V, V2 = +10 V; see Figure 29
150
250
ns max
Break Before Make Delay, tOPEN
10
10
ns min
RL = 300 Ω, CL = 35 pF; VS = +5 V, see Figure 30
tON (EN, WR)
120
175
ns typ
RL = 300 Ω, CL = 35 pF; VS = 5 V, see Figure 31
160
225
ns max
tOFF (EN, RS)
110
130
ns typ
RL = 300 Ω, CL = 35 pF; VS = 5 V, see Figure 31
150
180
ns max
ADG426 Only
tW, Write Pulse Width
100
ns min
tS, Address, Enable Setup Time
100
ns min
tH, Address, Enable Hold Time
10
ns min
tRS, Reset Pulse Width
100
ns min
VS = +5 V
Charge Injection
8
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF;
See Figure 34
Off Isolation
−75
dB typ
RL = 1 k Ω, f = 100 kHz;
VEN = 0 V, see Figure 35
Channel-to-Channel Crosstalk
85
dB typ
RL = 1 k Ω, f = 100 kHz, see Figure 36
CS (Off )
5
pF typ
f = 1 MHz
CD (Off )
f = 1 MHz
ADG406, ADG426
50
pF typ
ADG407
25
pF typ
CD, CS (On)
f = 1 MHz
ADG406, ADG426
60
pF typ
ADG407
40
pF typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com