Electronic Components Datasheet Search
  English  ▼

X  

ADG406BNZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADG406BNZ
Description  LC2MOS 8-/16-Channel High Performance Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG406BNZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG406BNZ Datasheet HTML 7Page - Analog Devices ADG406BNZ Datasheet HTML 8Page - Analog Devices ADG406BNZ Datasheet HTML 9Page - Analog Devices ADG406BNZ Datasheet HTML 10Page - Analog Devices ADG406BNZ Datasheet HTML 11Page - Analog Devices ADG406BNZ Datasheet HTML 12Page - Analog Devices ADG406BNZ Datasheet HTML 13Page - Analog Devices ADG406BNZ Datasheet HTML 14Page - Analog Devices ADG406BNZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADG406/ADG407/ADG426
Rev. B | Page 11 of 20
VDD 1
NC 2
3
S16 4
D
28
VSS
27
S8
26
S7
25
S15 5
S14 6
S13 7
S6
24
S5
23
S4
22
S12 8
S3
21
S11 9
S2
20
S10 10
S1
19
S9 11
EN
18
GND 12
A0
17
A1
16
13
A3 14
A2
15
NC = NO CONNECT
ADG426
TOP VIEW
(Not to Scale)
WR
RS
Figure 10. 28-Lead PDIP/SSOP
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Most Positive Power Supply Potential.
2
NC
No Connect.
3
RS
Active Low Logic Input. When this pin is low, all switches are open, and address and enable latches registers are
cleared to 0.
4 to 11
S16 to S9
Source Terminal 16 to Source Terminal 9. These pins can be inputs or outputs.
12
GND
Ground (0 V) Reference.
13
WR
The rising edge of the WR signal latches the state of the address control lines and the enable line.
14 to 17
A3 to A0
Logic Control Input.
18
EN
Active High Digital Input. When this pin is low, the device is disabled and all switches are turned off. When this pin
is high, the Ax logic inputs determine which switch is turned on.
19 to 26
S1 to S8
Source Terminal 1 to Source Terminal 8. These pins can be inputs or outputs.
27
VSS
Most Negative Power Supply Potential. In single-supply applications, this pin can be connected to ground.
28
D
Drain Terminal. This pin can be an input or an output.
Table 9. Truth Table (ADG426)
A3
A2
A1
A0
EN
WR
RS
On switch
X
X
X
X
X
1
Retains previous switch condition
X
X
X
X
X
X
0
None (address and enable latches cleared)
X
X
X
X
0
0
1
None
0
0
0
0
1
0
1
1
0
0
0
1
1
0
1
2
0
0
1
0
1
0
1
3
0
0
1
1
1
0
1
4
0
1
0
0
1
0
1
5
0
1
0
1
1
0
1
6
0
1
1
0
1
0
1
7
0
1
1
1
1
0
1
8
1
0
0
0
1
0
1
9
1
0
0
1
1
0
1
10
1
0
1
0
1
0
1
11
1
0
1
1
1
0
1
12
1
1
0
0
1
0
1
13
1
1
0
1
1
0
1
14
1
1
1
0
1
0
1
15
1
1
1
1
1
0
1
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com