Electronic Components Datasheet Search
  English  ▼

X  

ADG406BNZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADG406BNZ
Description  LC2MOS 8-/16-Channel High Performance Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG406BNZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADG406BNZ Datasheet HTML 12Page - Analog Devices ADG406BNZ Datasheet HTML 13Page - Analog Devices ADG406BNZ Datasheet HTML 14Page - Analog Devices ADG406BNZ Datasheet HTML 15Page - Analog Devices ADG406BNZ Datasheet HTML 16Page - Analog Devices ADG406BNZ Datasheet HTML 17Page - Analog Devices ADG406BNZ Datasheet HTML 18Page - Analog Devices ADG406BNZ Datasheet HTML 19Page - Analog Devices ADG406BNZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADG406/ADG407/ADG426
Rev. B | Page 17 of 20
D
VDD
VSS
GND
A3
A2
A1
EN
ADG4261
CL
1nF
VSS
VDD
A0
RS
VOUT
WR
3V
LOGIC
INPUT
(VIN)
VOUT
RS
2.4V
VIN
S
VS
ΔVOUT
QINJ = CL × ΔVOUT
1SIMILAR CONNECTION FOR ADG406/ADG407.
Figure 34. Charge Injection
S1
D
VDD
VSS
GND
A3
A2
A1
EN
ADG4261
1SIMILAR CONNECTION FOR ADG406/ADG407.
RL
1kΩ
S16
2.4V
VDD
WR
A0
RS
VOUT
VSS
VIN
Figure 35. Off Isolation
D
VDD
VSS
GND
A0
A1
A2
EN
ADG4261
1SIMILAR CONNECTION FOR ADG406/ADG407.
1kΩ
2.4V
VDD
WR
A3
RS
VOUT
VSS
S1
S16
VIN
S2
1kΩ
Figure 36. Crosstalk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com