Electronic Components Datasheet Search
  English  ▼

X  

ADG406BNZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADG406BNZ
Description  LC2MOS 8-/16-Channel High Performance Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG406BNZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG406BNZ Datasheet HTML 3Page - Analog Devices ADG406BNZ Datasheet HTML 4Page - Analog Devices ADG406BNZ Datasheet HTML 5Page - Analog Devices ADG406BNZ Datasheet HTML 6Page - Analog Devices ADG406BNZ Datasheet HTML 7Page - Analog Devices ADG406BNZ Datasheet HTML 8Page - Analog Devices ADG406BNZ Datasheet HTML 9Page - Analog Devices ADG406BNZ Datasheet HTML 10Page - Analog Devices ADG406BNZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADG406/ADG407/ADG426
Rev. B | Page 7 of 20
ADG426 TIMING DIAGRAMS
50%
50%
2V
0.8V
3V
0V
3V
A0, A1, A2, (A3)
EN
0V
tW
tS
tH
WR
Figure 4. Timing Sequence for Latching the Switch Address and Enable Inputs
Figure 4 shows the timing sequence for latching the switch
address and enable inputs. The latches are level sensitive;
therefore, while WR is held low, the latches are transparent and
the switches respond to the address and enable inputs. This
input data is latched on the rising edge of WR.
3V
0V
0V
50%
50%
tW
RS
tOFF (RS)
SWITCH
OUTPUT
V0
0.8V0
Figure 5. Reset Pulse Width and Reset Turn Off Time
Figure 5 shows the reset pulse width, trs, and the reset turn off
time, tOFF (RS).
Note that all digital input signals rise and fall times are
measured from 10% to 90% of 3 V; tR = tF = 20 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com