Electronic Components Datasheet Search
  English  ▼

X  

ADG406BNZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADG406BNZ
Description  LC2MOS 8-/16-Channel High Performance Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG406BNZ Datasheet(HTML) 5 Page - Analog Devices

  ADG406BNZ Datasheet HTML 1Page - Analog Devices ADG406BNZ Datasheet HTML 2Page - Analog Devices ADG406BNZ Datasheet HTML 3Page - Analog Devices ADG406BNZ Datasheet HTML 4Page - Analog Devices ADG406BNZ Datasheet HTML 5Page - Analog Devices ADG406BNZ Datasheet HTML 6Page - Analog Devices ADG406BNZ Datasheet HTML 7Page - Analog Devices ADG406BNZ Datasheet HTML 8Page - Analog Devices ADG406BNZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADG406/ADG407/ADG426
Rev. B | Page 5 of 20
Parameter1
+25°C
−40°C to +85°C
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD = +16.5 V, VSS = −16.5 V
IDD
1
μA typ
VIN = 0 V, VEN = 0 V
5
μA max
ISS
1
μA typ
5
μA max
IDD
100
μA typ
VIN = 0 V, VEN = 2.4 V
200
500
μA max
ISS
1
μA typ
5
μA max
1 Temperature ranges is −40°C to +85°C.
2 Guaranteed by design, not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com