Electronic Components Datasheet Search
  English  ▼

X  

ADG406BNZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADG406BNZ
Description  LC2MOS 8-/16-Channel High Performance Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG406BNZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADG406BNZ Datasheet HTML 8Page - Analog Devices ADG406BNZ Datasheet HTML 9Page - Analog Devices ADG406BNZ Datasheet HTML 10Page - Analog Devices ADG406BNZ Datasheet HTML 11Page - Analog Devices ADG406BNZ Datasheet HTML 12Page - Analog Devices ADG406BNZ Datasheet HTML 13Page - Analog Devices ADG406BNZ Datasheet HTML 14Page - Analog Devices ADG406BNZ Datasheet HTML 15Page - Analog Devices ADG406BNZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADG406/ADG407/ADG426
Rev. B | Page 12 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
150
0
–15
15
–10
–50
510
120
90
60
30
VD (VS) (V)
VDD = +15V
VSS = –15V
VDD = +10V
VSS = –10V
VDD = +12V
VSS = –12V
VDD = +5V
VSS =–5V
TA = 25°C
Figure 11. RON as a Function of VD (VS): Dual Supplies
100
0
–15
15
–10
–50
510
80
60
40
20
VD (VS) (V)
VDD = +15V
VSS = –15V
25°C
125°C
85°C
Figure 12. RON as a Function of VD (VS) for Different Temperatures
0.10
–0.02
–15
15
–10
–50
510
0.06
0.08
0.04
0.02
0
VD (VS) (V)
VDD = +15V
VSS = –15V
TA =+25°C
ID(OFF)
IS(OFF)
ID(ON)
Figure 13. Leakage Currents as a Function of VD (VS)
400
0
01
2.5
5.0
7.5
10
12.5
200
250
300
350
150
100
50
VD (VS) (V)
5
TA = 25°C
VDD = +5V
VSS =0V
VDD = +10V
VSS =0V
VDD = +15V
VSS = 0V
VDD = +12V
VSS =0V
Figure 14. RON as a Function of VD (VS): Single Supplies
150
0
01
2468
10
120
90
60
30
VD (VS) (V)
2
VDD = 12V
VSS =0V
25°C
125°C
85°C
Figure 15. RON as a Function of VD (VS) for Different Temperatures
0.02
–0.02
01
24
68
10
0.01
0
–0.01
VD (VS) (V)
2
VDD = +12V
VSS =0V
TA =+25°C
IS(OFF)
ID(OFF)
ID(ON)
Figure 16. Leakage Currents as a Function of VD (VS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com