Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 60 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 60 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 56Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 57Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 58Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 59Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 60Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 61Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 62Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 63Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 64Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 298 page
background image
Rev. 1.90
60
�e���a�� 18� �01�
Rev. 1.90
61
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
• IDLE0Mode
TheIDLE0ModeisenteredwhenaHALTinstructionisexecutedandwhentheIDLENbitin
theSMODregisterishighandtheFSYSONbitintheWDTCregisterislow.IntheIDLE0Mode
thesystemoscillatorwillbeinhibitedfromdrivingtheCPUbutsomeperipheralfunctionswill
remainoperationalsuchastheWatchdogTimer,TMsandSIM.IntheIDLE0Mode,thesystem
oscillatorwillbestopped.IntheIDLE0ModetheWatchdogTimerclock,fS,willeitherbeonor
offdependinguponthefSclocksource.IfthesourceisfSYS/4thenthefSclockwillbeoff,andif
thesourcecomesfromfSUBthenfSwillbeon.
• IDLE1Mode
TheIDLE1ModeisenteredwhenanHALTinstructionisexecutedandwhentheIDLENbit
intheSMODregisterishighandtheFSYSONbitintheWDTCregisterishigh.IntheIDLE1
ModethesystemoscillatorwillbeinhibitedfromdrivingtheCPUbutmaycontinuetoprovidea
clocksourcetokeepsomeperipheralfunctionsoperationalsuchastheWatchdogTimer,TMsand
SIM.IntheIDLE1Mode,thesystemoscillatorwillcontinuetorun,andthissystemoscillator
maybehighspeedorlowspeedsystemoscillator.IntheIDLE1ModetheWatchdogTimer
clock,fS,willbeon.IfthesourceisfSYS/4thenthefSclockwillbeon,andifthesourcecomes
fromfSUBthenfSwillbeon.
Control Register
Asingleregister,SMOD,isusedforoverallcontroloftheinternalclockswithinthedevice.
SMOD Register
Bit
7
6
5
4
3
2
1
0
Name
CKS�
CKS1
CKS0
�STEN
LTO
HTO
IDLEN
HLCLK
R/W
R/W
R/W
R/W
R/W
R
R
R/W
R/W
POR
0
0
0
0
0
0
1
1
Bit7~5
CKS2~CKS0:ThesystemclockselectionwhenHLCLKis"0"
000:fL(fLXTorfLIRC)
001:fL(fLXTorfLIRC)
010:fH/64
011:fH/32
100:fH/16
101:fH/8
110:fH/4
111:fH/2
Thesethreebitsareusedtoselectwhichclockisusedasthesystemclocksource.In
additiontothesystemclocksource,whichcanbeeithertheLXTorLIRC,adivided
versionofthehighspeedsystemoscillatorcanalsobechosenasthesystemclock
source.
Bit4
FSTEN:FastWake-upControl(onlyforHXT)
0:Disable
1:Enable
ThisistheFastWake-upControlbitwhichdeterminesifthefSUBclocksourceis
initiallyusedafterthedevicewakesup.Whenthebitishigh,thefSUBclocksourcecan
beusedasatemporarysystemclocktoprovideafasterwakeuptimeasthefSUBclock
isavailable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com