Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 14Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 298 page
background image
Rev. 1.90
10
�e���a�� 18� �01�
Rev. 1.90
11
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
Selection Table
Mostfeaturesarecommontoalldevices,themainfeaturedistinguishingthemareMemorycapacity,
I/Ocount,TMfeatures,stackcapacityandpackagetypes.Thefollowingtablesummarisesthemain
featuresofeachdevice.
Part No.
VDD
Program
Memory
Data
Memory
Data
EEPROM I/O
Ext.
Int.
A/D
Timer
Module
Interface
(SPI/I2C) UART Stacks
package
HT66��0 �.�V~5.5V
1k×14
64×8
��×8
18
�
1�-�it×8 10-�it CTM×1�
10-�it STM×1
√
—
4
16DIP/NSOP/SSOP
�0DIP/SOP/SSOP
HT66��0
�.�V~5.5V
�k×14
96×8
64×8
��
�
1�-�it×8 10-�it CTM×1�
10-�it ETM×1
√
—
4
16DIP/NSOP/SSOP
�0DIP/SOP/SSOP
�4SKDIP/SOP/SSOP
HT66�U�0
14
√
�4SKDIP/SOP
HT66�40
�.�V~5.5V
4k×15
19�×8
1�8×8
4�
�
1�-�it×8
10-�it CTM×1�
10-�it ETM×1�
16-�it STM×1
√
—
8
�4/�8SKDIP/SOP/SSOP
44LQ�P
��/40Q�N� 48SSOP/Q�N
HT66�U40
�4
√
40Q�N� 44LQ�P�
48SSOP/Q�N
HT66�50
�.�V~5.5V
8k×16
�84×8
�56×8
4�
�
1�-�it×8
10-�it CTM��
10-�it ETM×1�
16-�it STM×1
√
—
8
�8SKDIP/SOP/SSOP
44LQ�P� 40Q�N
48SSOP/Q�N
HT66�U50
�4
√
44LQ�P� 48Q�N
HT66�60
�.�V~5.5V 1�k×16
576×8
�56×8
50
4
1�-�it×1�
10-�it CTM��
10-�it ETM×1�
16-�it STM×1
√
—
1�
5�Q�P� 40Q�N� 44LQ�P
48SSOP/LQ�P/Q�N
HT66�U60
4�
√
5�Q�P� 40Q�N� 44LQ�P
48LQ�P/Q�N
Note:Asdevicesexistinmorethanonepackageformat,thetablereflectsthesituationforthepackagewiththe
mostpins.
ThereisanadditionalperipheralknownastheUARTmoduleinHT66FU30,HT66FU40,HT66FU50and
HT66FU60devices.AllinformationrelatedtotheUARTModulewillbedescribedinthefollowingUART
Modulesection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com