Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 70 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 70 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 66Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 67Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 68Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 69Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 70Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 71Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 72Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 73Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 74Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 298 page
background image
Rev. 1.90
70
�e���a�� 18� �01�
Rev. 1.90
71
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
Watchdog Timer Operation
TheWatchdogTimeroperatesbyprovidingadeviceresetwhenitstimeroverflows.Thismeans
thatintheapplicationprogramandduringnormaloperationtheuserhastostrategicallyclearthe
WatchdogTimerbeforeitoverflowstopreventtheWatchdogTimerfromexecutingareset.Thisis
doneusingtheclearwatchdoginstructions.Iftheprogrammalfunctionsforwhateverreason,jumps
toanunkownlocation,orentersanendlessloop,theseclearinstructionswillnotbeexecutedinthe
correctmanner,inwhichcasetheWatchdogTimerwilloverflowandresetthedevice.Someofthe
WatchdogTimeroptions,suchasenable/disable,clocksourceselectionandclearinstructiontype
areselectedusingconfigurationoptions.Inadditiontoaconfigurationoptiontoenable/disablethe
WatchdogTimer,therearealsofourbits,WDTEN3~WDTEN0,intheWDTCregistertoofferan
additionalenable/disablecontroloftheWatchdogTimer.TodisabletheWatchdogTimer,aswell
astheconfigurationoptionbeingsettodisable,theWDTEN3~WDTEN0bitsmustalsobesetto
aspecificvalueof"1010".AnyothervaluesforthesebitswillkeeptheWatchdogTimerenabled,
irrespectiveoftheconfigurationenable/disablesetting.Afterpoweronthesebitswillhavethevalue
of1010.IftheWatchdogTimerisuseditisrecommendedthattheyaresettoavalueof0101for
maximumnoiseimmunity.NotethatiftheWatchdogTimerhasbeendisabled,thenanyinstruction
relatingtoitsoperationwillresultinnooperation.
WDT Configuration Option
WDTEN3~WDTEN0 Bits
WDT
WDT Ena�le
××××
Ena�le
WDT Disa�le
Except 1010
Ena�le
WDT Disa�le
1010
Disa�le
Watchdog Timer Enable/Disable Control
Undernormalprogramoperation,aWatchdogTimertime-outwillinitialiseadeviceresetandset
thestatusbitTO.However,ifthesystemisintheSLEEPorIDLEMode,whenaWatchdogTimer
time-outoccurs,theTObitinthestatusregisterwillbesetandonlytheProgramCounterandStack
Pointerwillbereset.ThreemethodscanbeadoptedtoclearthecontentsoftheWatchdogTimer.
Thefirstisanexternalhardwarereset,whichmeansalowlevelontheRESpin,thesecondisusing
theWatchdogTimersoftwareclearinstructionsandthethirdisviaaHALTinstruction.
TherearetwomethodsofusingsoftwareinstructionstocleartheWatchdogTimer,oneofwhichmust
bechosenbyconfigurationoption.Thefirstoptionistousethesingle"CLRWDT"instructionwhile
thesecondistousethetwocommands"CLRWDT1"and"CLRWDT2".Forthefirstoption,a
simpleexecutionof"CLRWDT"willcleartheWDTwhileforthesecondoption,both"CLRWDT1"
and"CLRWDT2"mustbothbeexecutedalternatelytosuccessfullycleartheWatchdogTimer.
Notethatforthissecondoption,if"CLRWDT1"isusedtocleartheWatchdogTimer,successive
executionsofthisinstructionwillhavenoeffect,onlytheexecutionofa"CLRWDT2"instruction
willcleartheWatchdogTimer.Similarlyafterthe"CLRWDT2"instructionhasbeenexecuted,only
asuccessive"CLRWDT1"instructioncancleartheWatchdogTimer.
Themaximumtimeoutperiodiswhenthe215divisionratioisselected.Asanexample,witha
32.768kHzLXToscillatorasitssourceclock,thiswillgiveamaximumwatchdogperiodofaround
1secondforthe215divisionratio,andaminimumtimeoutof7.8msforthe28divisionration.Ifthe
fSYS/4clockisusedastheWatchdogTimerclocksource,itshouldbenotedthatwhenthesystem
enterstheSLEEPorIDLE0Mode,thentheinstructionclockisstoppedandtheWatchdogTimer
mayloseitsprotectingpurposes.Forsystemsthatoperateinnoisyenvironments,usingthefSUB
clocksourceisstronglyrecommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com