Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 62 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 62 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 58Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 59Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 60Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 61Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 62Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 63Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 64Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 65Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 66Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 298 page
background image
Rev. 1.90
6�
�e���a�� 18� �01�
Rev. 1.90
6�
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
Fast Wake-up
TominimisepowerconsumptionthedevicecanentertheSLEEPorIDLE0Mode,wherethesystem
clocksourcetothedevicewillbestopped.Howeverwhenthedeviceiswokenupagain,itcantake
aconsiderabletimefortheoriginalsystemoscillatortorestart,stabiliseandallownormaloperation
toresume.ToensurethedeviceisupandrunningasfastaspossibleaFastWake-upfunctionis
provided,whichallowsfSUB,namelyeithertheLXTorLIRCoscillator,toactasatemporaryclock
tofirstdrivethesystemuntiltheoriginalsystemoscillatorhasstabilised.Astheclocksourcefor
theFastWake-upfunctionisfSUB,theFastWake-upfunctionisonlyavailableintheSLEEP1and
IDLE0modes.WhenthedeviceiswokenupfromtheSLEEP0mode,theFastWake-upfunctionhas
noeffectbecausethefSUBclockisstopped.TheFastWake-upenable/disablefunctioniscontrolled
usingtheFSTENbitintheSMODregister.
IftheHXToscillatorisselectedastheNORMALModesystemclock,andiftheFastWake-up
functionisenabled,thenitwilltakeonetotwotSUBclockcyclesoftheLIRCorLXToscillatorfor
thesystemtowake-up.ThesystemwilltheninitiallyrununderthefSUBclocksourceuntil1024
HXTclockcycleshaveelapsed,atwhichpointtheHTOflagwillswitchhighandthesystemwill
switchovertooperatingfromtheHXToscillator.
IftheERCorHIRCoscillatorsorLIRCoscillatorisusedasthesystemoscillatorthenitwilltake
15~16clockcyclesoftheERCorHIRCor1~2cyclesoftheLIRCtowakeupthesystemfromthe
SLEEPorIDLE0Mode.TheFastWake-upbit,FSTENwillhavenoeffectinthesecases.
System
Oscillator
FSTEN
Bit
Wake-up Time
(SLEEP0 Mode)
Wake-up Time
(SLEEP1 Mode)
Wake-up Time
(IDLE0 Mode)
Wake-up Time
(IDLE1 Mode)
HXT
0
10�4 HXT c�cles 10�4 HXT c�cles
1~� HXT c�cles
1
10�4 HXT c�cles
1~� fSUB c�cles
(S�stem ��ns with fSUB first for 1024 HXT cycles and
then switches ove� to ��n with the HXT clock )
1~� HXT c�cles
ERC
x
15~16 ERC c�cles 15~16 ERC c�cles
1~� ERC c�cles
HIRC
x
15~16 HIRC c�cles 15~16 HIRC c�cles
1~� HIRC c�cles
LIRC
x
1~� LIRC c�cles 1~� LIRC c�cles
1~� LIRC c�cles
LXT
x
10�4 LXT c�cles 10�4 LXT c�cles
1~� LXT c�cles
Wake-up Times
NotethatiftheWatchdogTimerisdisabled,whichmeansthattheLXTandLIRCareallbothoff,
thentherewillbenoFastWake-upfunctionavailablewhenthedevicewakes-upfromtheSLEEP0
Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com