Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 76 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 76 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 72Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 73Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 74Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 75Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 76Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 77Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 78Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 79Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 80Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 298 page
background image
Rev. 1.90
76
�e���a�� 18� �01�
Rev. 1.90
77
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F30
Register
Reset (Power-on)
RES or LVR Reset
WDT Time-out
(Normal Operation)
WDT Time-out
(IDLE)
MP0
1xxx xxxx
1xxx xxxx
1xxx xxxx
1 ��� ����
MP1
1xxx xxxx
1xxx xxxx
1xxx xxxx
1 ��� ����
BP
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - ��
ACC
xxxx xxxx
���� ����
���� ����
���� ����
PCL
0000 0000
0000 0000
0000 0000
0000 0000
TBLP
xxxx xxxx
���� ����
���� ����
���� ����
TBLH
- - xx xxxx
- - �� ����
- - �� ����
- - �� ����
TBHP
- - - - - xxx
- - - - - ���
- - - - - ���
- - - - - ���
STATUS
- -00 xxxx
- - �� ����
- - 1� ����
- - 11 ����
SMOD
0 00 0 0 011
0 00 0 0 011
0 00 0 0 011
���� ����
LVDC
- - 00 - 000
- - 00 - 000
- - 00 - 000
- - �� - ���
INTEG
- - - - 0000
- - - - 0000
- - - - 0000
- - - - ����
WDTC
0111 1010
0111 1010
0111 1010
���� ����
TBC
0011 0111
0011 0111
0011 0111
���� ����
INTC0
- 000 0 000
- 000 0 000
- 000 0 000
- ��� � ���
INTC1
0000 0000
0000 0000
0000 0000
���� ����
INTC�
0000 0000
0000 0000
0000 0000
���� ����
M�I0
- -00 - -00
- -00 - -00
- -00 - -00
- - �� - - ��
M�I1
- 000 - 000
- 000 - 000
- 000 -000
- ��� - ���
M�I�
0000 0000
0000 0000
0000 0000
���� ����
PAWU
0000 0000
0000 0000
0000 0000
���� ����
PAPU
0000 0000
0000 0000
0000 0000
���� ����
PA
1111 1111
1111 1111
1111 1111
���� ����
PAC
1111 1111
1111 1111
1111 1111
���� ����
PBPU
- - 00 0000
- - 00 0000
- - 00 0000
- - �� ����
PB
- - 11 1111
- - 11 1111
- - 11 1111
- - �� ����
PBC
- - 11 1111
- - 11 1111
- - 11 1111
- - �� ����
PCPU
0000 0000
0000 0000
0000 0000
���� ����
PC
1111 1111
1111 1111
1111 1111
���� ����
PCC
1111 1111
1111 1111
1111 1111
���� ����
ADRL(ADRE�=0)
x x x x - - - -
x x x x - - - -
x x x x - - - -
���� - - - -
ADRL(ADRE�=1)
xxxx xxxx
xxxx xxxx
xxxx xxxx
���� ����
ADRH(ADRE�=0)
xxxx xxxx
xxxx xxxx
xxxx xxxx
���� ����
ADRH(ADRE�=1)
- - - - x x x x
- - - - x x x x
- - - - x x x x
- - - - ����
ADCR0
0110 - 000
0110 - 000
0110 - 000
��� � - ���
ADCR1
00 -0 - 000
00 -0 - 000
00 -0 - 000
�� -� - ���
ACERL
1111 1111
1111 1111
1111 1111
���� ����
CP0C
1000 0 - -1
1000 0 - -1
1000 0 - -1
���� � - -�
CP1C
1000 0 - -1
1000 0 - -1
1000 0 - -1
���� � - -�
SIMC0
1110 000 -
1110 000 -
1110 000 -
��� � ��� -
SIMC1
1000 0001
1000 0001
1000 0001
���� ����
SIMD
xxxx xxxx
xxxx xxxx
xxxx xxxx
���� ����
SIMA/SIMC�
0000 0000
0000 0000
0000 0000
���� ����
TM0C0
0000 0000
0000 0000
0000 0000
���� ����
TM0C1
0000 0000
0000 0000
0000 0000
���� ����
TM0DL
0000 0000
0000 0000
0000 0000
���� ����



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com