Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 93 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 93 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 89Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 90Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 91Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 92Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 93Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 94Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 95Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 96Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 97Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 298 page
background image
Rev. 1.90
9�
�e���a�� 18� �01�
Rev. 1.90
9�
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PRM0 Register
• HT66F30
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
PCPRM
SIMPS0
PCKPS
R/W
—
—
—
—
—
R/W
R/W
R/W
POR
—
—
—
—
—
0
0
0
Bit7~3
Unimplemented,readas“0”
Bit2
PCPRM:PC1~PC0pin-sharedfunctionPinRemappingControl
0:Nochange
1:TP1B_0onPC0changetoPA6,TP1B_1onPC1changetoPA7ifSIMPS0=1
Bit1
SIMPS0:SIMPinRemappingControl
0:SDOonPA5;SDI/SDAonPA6;SCK/SCLonPA7;SCSonPB5
1:SDOonPC1;SDI/SDAonPC0;SCK/SCLonPC7;SCSonPC6
Bit0
PCKPS:PCKandPINTPinRemappingControl
0:PCKonPC2;PINTonPC3
1:PCKonPC5;PINTonPC4
PRM0 Register
• HT66F40/HT66F50
Bit
7
6
5
4
3
2
1
0
Name
—
C1XPS0
—
C0XPS0 PDPRM
SIMPS1
SIMPS0
PCKPS
R/W
—
R/W
—
R/W
R/W
R/W
R/W
R/W
POR
—
0
—
0
0
0
0
0
Bit7
Unimplemented,readas“0”
Bit6
C1XPS0:C1XPinRemappingControl
0:C1XonPA5
1:C1XonPF1
Bit5
Unimplemented,readas“0”
Bit4
C0XPS0:C0XPinRemappingControl
0:C0XonPA0
1:C0XonPF0
Bit3
PDPRM:PD3~PD0pin-sharedfunctionPinRemappingControl
0:Nochange
1:TCK2onPD0changetoPB6,TP2_0onPD1changetoPB7,TCK0onPD2
changetoPD6,TCK1onPD3changetoPD7ifSIMPS1,SIMPS0=01
Bit2~1
SIMPS1, SIMPS0:SIMPinRemappingControl
00:SDOonPA5;SDI/SDAonPA6;SCK/SCLonPA7;SCSonPB5
01:SDOonPD3;SDI/SDAonPD2;SCK/SCLonPD1;SCSonPD0
10:SDOonPB6;SDI/SDAonPB7;SCK/SCLonPD6;SCSonPD7
11:Undefined
Bit0
PCKPS:PCKandPINTPinRemappingControl
0:PCKonPC2;PINTonPC3
1:PCKonPC5;PINTonPC4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com