Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 102 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 102 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 98Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 99Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 100Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 101Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 102Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 103Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 104Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 105Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 106Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 298 page
background image
Rev. 1.90
10�
�e���a�� 18� �01�
Rev. 1.90
10�
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
TM External Pins
EachoftheTMs,irrespectiveofwhattype,hasoneTMinputpin,withthelabelTCKn.TheTM
inputpin,isessentiallyaclocksourcefortheTMandisselectedusingtheTnCK2~TnCK0bitsin
theTMnC0register.ThisexternalTMinputpinallowsanexternalclocksourcetodrivetheinternal
TM.ThisexternalTMinputpinissharedwithotherfunctionsbutwillbeconnectedtotheinternal
TMifselectedusingtheTnCK2~TnCK0bits.TheTMinputpincanbechosentohaveeithera
risingorfallingactiveedge.
TheTMseachhaveoneormoreoutputpinswiththelabelTPn.WhentheTMisintheCompare
MatchOutputMode,thesepinscanbecontrolledbytheTMtoswitchtoahighorlowlevelor
totogglewhenacomparematchsituationoccurs.TheexternalTPnoutputpinisalsothepin
wheretheTMgeneratesthePWMoutputwaveform.AstheTMoutputpinsarepin-sharedwith
otherfunction,theTMoutputfunctionmustfirstbesetupusingregisters.Asinglebitinoneofthe
registersdeterminesifitsassociatedpinistobeusedasanexternalTMoutputpinorifitistohave
anotherfunction.ThenumberofoutputpinsforeachTMtypeanddeviceisdifferent,thedetailsare
providedintheaccompanyingtable.
AllTMoutputpinnameshavean"_n"suffix.Pinnamesthatincludea"_1"or"_2"suffixindicate
thattheyarefromaTMwithmultipleoutputpins.ThisallowstheTMtogenerateacomplimentary
outputpair,selectedusingtheI/Oregisterdatabits.
Device
CTM
STM
ETM
Registers
HT66��0
TP0_0
TP1_0� TP1_1
—
TMPC0
HT66��0
TP0_0� TP0_1
—
TP1A� TP1B_0� TP1B_1
TMPC0
HT66�40
TP0_0� TP0_1
TP�_0� TP�_1 TP1A� TP1B_0� TP1B_1� TP1B_� TMPC0� TMPC1
HT66�50
TP0_0� TP0_1
TP�_0� TP�_1
TP�_0� TP�_1 TP1A� TP1B_0� TP1B_1� TP1B_� TMPC0� TMPC1
HT66�60
TP0_0� TP0_1
TP�_0� TP�_1
TP�_0� TP�_1 TP1A� TP1B_0� TP1B_1� TP1B_� TMPC0� TMPC1
TM Output Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com