Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 113 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 113 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 109Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 110Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 111Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 112Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 113Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 114Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 115Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 116Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 117Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 298 page
background image
Rev. 1.90
11�
�e���a�� 18� �01�
Rev. 1.90
11�
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
Compact Type TM – CTM
AlthoughthesimplestformofthethreeTMtypes,theCompactTMtypestillcontainsthree
operatingmodes,whichareCompareMatchOutput,Timer/EventCounterandPWMOutputmodes.
TheCompactTMcanalsobecontrolledwithanexternalinputpinandcandriveoneortwoexternal
outputpins.Thesetwoexternaloutputpinscanbethesamesignalortheinversesignal.
CTM
Name
TM No.
TM Input Pin
TM Output Pin
HT66��0
10-�it CTM
0
TCK0
TP0_0
HT66��0
10-�it CTM
0
TCK0
TP0_0� TP0_1
HT66�40
10-�it CTM
0
TCK0
TP0_0� TP0_1
HT66�50
10-�it CTM
0� �
TCK0� TCK�
TP0_0� TP0_1� TP�_0� TP�_1
HT66�60
10-�it CTM
0� �
TCK0� TCK�
TP0_0� TP0_1� TP�_0� TP�_1
CCRP
CCRA
Tn CC LR
Co mp ar at or P M at ch
Co mp ar at or A Ma tc h
Tn CK 2~ Tn CK 0
Tn ON
Tn PAU
b7 ~b 9
3 -b it C om par at or P
TC Kn
10 - bi t Co m par at or A
Co unt er C le ar
10 -b it C ount -u p Co unt er
Tn PF I nt e rru pt
Tn AF I nt e rru pt
TP n Pi n
Ou tp u t
b0 ~b 9
Tn M1 , Tn M0
Tn IO 1, T nI O0
Tn PO L
Tn OC
Po la ri ty
Co nt ro l
Ou tp u t
Co nt ro l
TP n_0
TP n_1
11 1
00 0
00 1
01 0
01 1
10 0
10 1
11 0
f SYS /4
f SYS
f H /1 6
f H /6 4
f TB C
Re se rv ed
0
1
Compact Type TM Block Diagram
Compact TM Operation
Atitscoreisa10-bitcount-upcounterwhichisdrivenbyauserselectableinternalorexternalclock
source.Therearealsotwointernalcomparatorswiththenames,ComparatorAandComparatorP.
ThesecomparatorswillcomparethevalueinthecounterwithCCRPandCCRAregisters.The
CCRPisthreebitswidewhosevalueiscomparedwiththehighestthreebitsinthecounterwhilethe
CCRAisthetenbitsandthereforecompareswithallcounterbits.
Theonlywayofchangingthevalueofthe10-bitcounterusingtheapplicationprogram,isto
clearthecounterbychangingtheTnONbitfromlowtohigh.Thecounterwillalsobecleared
automaticallybyacounteroverfloworacomparematchwithoneofitsassociatedcomparators.
Whentheseconditionsoccur,aTMinterruptsignalwillalsousuallybegenerated.TheCompact
TypeTMcanoperateinanumberofdifferentoperationalmodes,canbedrivenbydifferentclock
sourcesincludinganinputpinandcanalsocontrolanoutputpin.Alloperatingsetupconditionsare
selectedusingrelevantinternalregisters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com