Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 125 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 125 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 121Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 122Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 123Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 124Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 125Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 126Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 127Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 128Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 129Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 298 page
background image
Rev. 1.90
1�4
�e���a�� 18� �01�
Rev. 1.90
1�5
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
Standard Type TM Register Description
OveralloperationoftheStandardTMiscontrolledusingaseriesofregisters.Areadonlyregister
pairexiststostoretheinternalcounter10or16-bitvalue,whilearead/writeregisterpairexiststo
storetheinternal10or16-bitCCRAvalue.Theremainingtworegistersarecontrolregisterswhich
setupthedifferentoperatingandcontrolmodesaswellasthethreeoreightCCRPbits.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TM1C0
T1PAU
T1CK�
T1CK1
T1CK0
T1ON
T1RP�
T1RP1
T1RP0
TM1C1
T1M1
T1M0
T1IO1
T1IO0
T1OC
T1POL
T1DPX
T1CCLR
TM1DL
D7
D6
D5
D4
D�
D�
D1
D0
TM1DH
—
—
—
—
—
—
D9
D8
TM1AL
D7
D6
D5
D4
D�
D�
D1
D0
TM1AH
—
—
—
—
—
—
D9
D8
10-bit Standard TM Register List (for HT66F20)
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TM�C0
T�PAU
T�CK�
T�CK1
T�CK0
T�ON
—
—
—
TM�C1
T�M1
T�M0
T�IO1
T�IO0
T�OC
T�POL
T�DPX
T�CCLR
TM�DL
D7
D6
D5
D4
D�
D�
D1
D0
TM�DH
D15
D14
D1�
D1�
D11
D10
D9
D8
TM�AL
D7
D6
D5
D4
D�
D�
D1
D0
TM�AH
D15
D14
D1�
D1�
D11
D10
D9
D8
TM�RP
D7
D6
D5
D4
D�
D�
D1
D0
16-bit Standard TM Register List (for HT66F40/HT66F50/HT66F60)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com