Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 165 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 165 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 161Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 162Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 163Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 164Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 165Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 166Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 167Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 168Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 169Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 298 page
background image
Rev. 1.90
164
�e���a�� 18� �01�
Rev. 1.90
165
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
Single Pulse Mode
Toselectthismode,therequiredbitpairs,TnAM1,TnAM0andTnBM1,TnBM0shouldbesetto
10respectivelyandalsothecorrespondingTnAIO1,TnAIO0andTnBIO1,TnBIO0bitsshouldbe
setto11respectively.TheSinglePulseOutputMode,asthenamesuggests,willgenerateasingle
shotpulseontheTMoutputpin.
ThetriggerforthepulseTPnAoutputleadingedgeisalowtohightransitionoftheTnONbit,which
canbeimplementedusingtheapplicationprogram.ThetriggerforthepulseTPnBoutputleading
edgeisacomparematchfromComparatorB,whichcanbeimplementedusingtheapplication
program.HoweverintheSinglePulseMode,theTnONbitcanalsobemadetoautomatically
changefromlowtohighusingtheexternalTCKnpin,whichwillinturninitiatetheSinglePulse
outputofTPnA.WhentheTnONbittransitionstoahighlevel,thecounterwillstartrunningand
thepulseleadingedgeofTPnAwillbegenerated.TheTnONbitshouldremainhighwhenthepulse
isinitsactivestate.ThegeneratedpulsetrailingedgeofTPnAandTPnBwillbegeneratedwhen
theTnONbitisclearedtozero,whichcanbeimplementedusingtheapplicationprogramorwhena
comparematchoccursfromComparatorA.
HoweveracomparematchfromComparatorAwillalsoautomaticallycleartheTnONbitandthus
generatetheSinglePulseoutputtrailingedgeofTPnAandTPnB.InthiswaytheCCRAvaluecan
beusedtocontrolthepulsewidthofTPnA.TheCCRA-CCRBvaluecanbeusedtocontrolthe
pulsewidthofTPnB.AcomparematchfromComparatorAandComparatorBwillalsogenerate
TMinterrupts.ThecountercanonlyberesetbacktozerowhentheTnONbitchangesfromlowto
highwhenthecounterrestarts.IntheSinglePulseModeCCRPisnotused.TheTnCCLRbitisalso
notused.
S/W Command
SET“TnON”
or
TCKn Pin
Transition
CCRB
Leading Edge
CCRA
Trailing Edge
S/W Command
CLR“TnON”
or
CCRA Compare
Match
TPnA Output Pin
TPnB Output Pin
Pulse Width = (CCRA-CCRB) Value
Pulse Width = CCRA Value
Counter Value
CCRB
CCRA
0
Time
TnON = 1
CCRB Compare
Match
S/W Command
CLR“TnON”
or
CCRA Compare
Match
CCRB
Trailing Edge
CCRA
Leading Edge
TnON bit
0 ® 1
TnON bit
1 ® 0
TnON bit
1 ® 0
Single Pulse Generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com