Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 170 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 170 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 166Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 167Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 168Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 169Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 170Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 171Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 172Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 173Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 174Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 298 page
background image
Rev. 1.90
170
�e���a�� 18� �01�
Rev. 1.90
171
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
Aanlog to Digital Converter
Theneedtointerfacetorealworldanalogsignalsisacommonrequirementformanyelectronic
systems.However,toproperlyprocessthesesignalsbyamicrocontroller,theymustfirstbe
convertedintodigitalsignalsbyA/Dconverters.ByintegratingtheA/Dconversionelectronic
circuitryintothemicrocontroller,theneedforexternalcomponentsisreducedsignificantlywiththe
correspondingfollow-onbenefitsoflowercostsandreducedcomponentspacerequirements.
A/D Overview
Thedevicescontainamulti-channelanalogtodigitalconverterwhichcandirectlyinterfaceto
externalanalogsignals,suchasthatfromsensorsorothercontrolsignalsandconvertthesesignals
directlyintoeithera12-bitdigitalvalue.
Part No.
Input Channels
A/D Channel Select Bits
Input Pins
HT66��0
HT66��0
HT66�40
HT66�50
8
ACS4� ACS�~ACS0
AN0~AN7
HT66�60
1�
ACS4� ACS�~ACS0
AN0~AN11
TheaccompanyingblockdiagramshowstheoverallinternalstructureoftheA/Dconverter,together
withitsassociatedregisters.
A/ D C onv er te r
PA 0/ AN 0~ PA 7/ AN 7
PE 6/ AN 8
PE 7/ AN 9
PF 0/ AN 10
PF 1/ AN 11
A/ D Re fe r enc e Vo lt age
AD RL
AD RH
A/ D Da ta
R egi st er s
V 125E N
ST AR T EO CB AD OF F
V SS
PB 5/ VR EF
AD CK 2~ A DCK 0
f SY S
AC E 11~ AC E0
AC S4 ~A CS 0
1. 25 V
A/ D Cl oc k
V DD
AD OF F
Bi t
VR EF S
Bi t
AD RF S
bi t
¸ 2 N
(N =0 ~6 )
A/D Converter Structure
A/D Converter Register Description
OveralloperationoftheA/Dconverteriscontrolledusingsixregisters.Areadonlyregisterpair
existstostoretheADCdata12-bitvalue.Theremainingthreeorfourregistersarecontrolregisters
whichsetuptheoperatingandcontrolfunctionoftheA/Dconverter.
Register Name
Bit
7
6
5
4
3
2
1
0
ADRL(ADR�S=0)
D�
D�
D1
D0
—
—
—
—
ADRL(ADR�S=1)
D7
D6
D5
D4
D�
D�
D1
D0
ADRH(ADR�S=0)
D11
D10
D9
D8
D7
D6
D5
D4
ADRH(ADR�S=1)
—
—
—
—
D11
D10
D9
D8
ADCR0
START
EOCB
ADO�� ADR�S
—
ACS�
ACS1
ACS0
ADCR1
ACS4 V1�5EN
—
VRE�S
—
ADCK� ADCK1 ADCK0
ACERL
ACE7
ACE6
ACE5
ACE4
ACE�
ACE�
ACE1
ACE0
HT66F20/HT66F30/HT66F40/HT66F50 A/D Converter Register List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com