Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 232 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 232 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 228Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 229Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 230Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 231Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 232Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 233Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 234Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 235Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 236Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 298 page
background image
Rev. 1.90
���
�e���a�� 18� �01�
Rev. 1.90
���
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
LCD Bias Control
TheLCDCOMdriverenablesarangeofselectionstobeprovidedtosuittherequirementofthe
LCDpanelwhichisbeingused.ThebiasresistorchoiceisimplementedusingtheISEL1andISEL0
bitsintheSCOMCregister.
SCOMC Register
• HT66F20
Bit
7
6
5
4
3
2
1
0
Name
D7
ISEL1 ISEL0
SCOMEN
COM�EN
COM�EN
COM1EN
COM0EN
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
ReservedBit
0:Correctlevel-bitmustberesettozeroforcorrectoperation
1:Unpredictableoperation-bitmustnotbesethigh
Bit6~5
ISEL1, ISEL0:SelectSCOMtypicalbiascurrent(VDD=5V)
00:25μA
01:50μA
10:100μA
11:200μA
Bit4
SCOMEN:SCOMmoduleControl
0:Disable
1:Enable
Bit3
COM3EN:PC3orSCOM3selection
0:GPIO
1:SCOM3
Bit2
COM2EN:PC2orSCOM2selection
0:GPIO
1:SCOM2
Bit1
COM1EN:PC1orSCOM1selection
0:GPIO
1:SCOM1
Bit0
COM0EN:PC0orSCOM0selection
0:GPIO
1:SCOM0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com