Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 280 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 280 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 276Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 277Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 278Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 279Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 280Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 281Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 282Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 283Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 284Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 298 page
background image
Rev. 1.90
�80
�e���a�� 18� �01�
Rev. 1.90
�81
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
20-pin DIP (300mil) Outline Dimensions




)
*
+
,
-.
/
0
1




)
*
+
,
-.
/
0
1
Fig1. Full Lead Packages
Fig2. 1/2 Lead Packages
MS-001d (see fig1)
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.980
—
1.060
B
0.�40
—
0.�80
C
0.115
—
0.195
D
0.115
—
0.150
E
0.014
—
0.0��
�
0.045
—
0.070
G
—
0.100
—
H
0.�00
—
0.��5
I
—
0.4�0
—
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
�4.89
—
�6.9�
B
6.10
—
7.11
C
�.9�
—
4.95
D
�.9�
—
�.81
E
0.�6
—
0.56
�
1.14
—
1.78
G
—
�.54
—
H
7.6�
—
8.�6
I
—
10.9�
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com