Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 286 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 286 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 282Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 283Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 284Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 285Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 286Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 287Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 288Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 289Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 290Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 298 page
background image
Rev. 1.90
�86
�e���a�� 18� �01�
Rev. 1.90
�87
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
24-pin SOP (300mil) Outline Dimensions
"

!

)
*
+
,
-.
+
/
0
=
MS-013
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.�9�
—
0.419
B
0.�56
—
0.�00
C
0.01�
—
0.0�0
C’
0.598
—
0.61�
D
—
—
0.104
E
—
0.050
—
�
0.004
—
0.01�
G
0.016
—
0.050
H
0.008
—
0.01�
α
0°
—
8°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
9.98
—
10.64
B
6.50
—
7.6�
C
0.�0
0.51
C’
15.19
—
15.57
D
—
—
�.64
E
—
1.�7
—
�
0.10
—
0.�0
G
0.41
—
1.�7
H
0.�0
—
0.��
α
0°
—
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com