Electronic Components Datasheet Search
  English  ▼

X  

FX3 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # FX3
Description  EZ-USB짰 FX3: SuperSpeed USB Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FX3 Datasheet(HTML) 5 Page - Cypress Semiconductor

  FX3 Datasheet HTML 1Page - Cypress Semiconductor FX3 Datasheet HTML 2Page - Cypress Semiconductor FX3 Datasheet HTML 3Page - Cypress Semiconductor FX3 Datasheet HTML 4Page - Cypress Semiconductor FX3 Datasheet HTML 5Page - Cypress Semiconductor FX3 Datasheet HTML 6Page - Cypress Semiconductor FX3 Datasheet HTML 7Page - Cypress Semiconductor FX3 Datasheet HTML 8Page - Cypress Semiconductor FX3 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
CYUSB301X
Document Number: 001-52136 Rev. *N
Page 5 of 45
Figure 2. EZ-USB FX3 as Main Processor
USB Interface
FX3 complies with the following specifications and supports the
following features:
Supports USB peripheral functionality compliant with USB 3.0
Specification Revision 1.0 and is also backward compatible
with the USB 2.0 Specification.
Complies with OTG Supplement Revision 2.0. It supports
High-Speed, Full-Speed, and Low-Speed OTG dual-role device
capability. As a peripheral, FX3 is capable of SuperSpeed,
High-Speed, and Full-Speed. As a host, it is capable of
High-Speed, Full-Speed, and Low-Speed.
Supports Carkit Pass-Through UART functionality on USB
D+/D– lines based on the CEA-936A specification.
Supports up to 16 IN and 16 OUT endpoints.
Supports the USB 3.0 Streams feature. It also supports USB
Attached SCSI (UAS) device-class to optimize mass-storage
access performance.
As a USB peripheral, FX3 supports UAS, USB Video Class
(UVC), Mass Storage Class (MSC), and Media Transfer
Protocol (MTP) USB peripheral classes. As a USB peripheral,
all other device classes are supported only in pass-through
mode when handled entirely by a host processor external to
the device.
As an OTG host, FX3 supports MSC and HID device classes.
Note When the USB port is not in use, disable the PHY and
transceiver to save power.
Figure 3. USB Interface Signals
OTG
FX3 is compliant with the OTG Specification Revision 2.0. In
OTG mode, FX3 supports both A and B device modes and
supports Control, Interrupt, Bulk, and Isochronous data
transfers.
FX3 requires an external charge pump (either standalone or
integrated into a PMIC) to power VBUS in the OTG A-device
mode.
The Target Peripheral List for OTG host implementation consists
of MSC- and HID-class devices.
FX3 does not support Attach Detection Protocol (ADP).
External Slave Device
(Example: Image sensor)
EZ-USB FX3
(ARM9 Core)
GPIF II
I2C
USB
Port
Crystal *
USB Host
EEPROM
*
A clock input may be provided on the
CLKIN pin instead of a crystal input
EZ-USB FX3
VBATT
VBUS
SSRX-
SSRX+
SSTX-
SSTX+
D-
D+
OTG_ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com