Electronic Components Datasheet Search
  English  ▼

X  

FX3 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # FX3
Description  EZ-USB짰 FX3: SuperSpeed USB Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FX3 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button FX3 Datasheet HTML 2Page - Cypress Semiconductor FX3 Datasheet HTML 3Page - Cypress Semiconductor FX3 Datasheet HTML 4Page - Cypress Semiconductor FX3 Datasheet HTML 5Page - Cypress Semiconductor FX3 Datasheet HTML 6Page - Cypress Semiconductor FX3 Datasheet HTML 7Page - Cypress Semiconductor FX3 Datasheet HTML 8Page - Cypress Semiconductor FX3 Datasheet HTML 9Page - Cypress Semiconductor FX3 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
CYUSB301X
Document Number: 001-52136 Rev. *N
Page 6 of 45
OTG Connectivity
In OTG mode, FX3 can be configured to be an A, B, or dual-role
device. It can connect to the following:
ACA device
Targeted USB peripheral
SRP-capable USB peripheral
HNP-capable USB peripheral
OTG host
HNP-capable host
OTG device
ReNumeration
Because of FX3's soft configuration, one chip can take on the
identities of multiple distinct USB devices.
When first plugged into USB, FX3 enumerates automatically with
the Cypress Vendor ID (0x04B4) and downloads firmware and
USB descriptors over the USB interface. The downloaded
firmware executes an electrical disconnect and connect. FX3
enumerates again, this time as a device defined by the
downloaded information. This patented two-step process, called
ReNumeration, happens instantly when the device is plugged in.
EZ-Dtect
FX3 supports USB Charger and accessory detection (EZ-Dtect).
The charger detection mechanism complies with the Battery
Charging Specification Revision 1.1. In addition to supporting
this version of the specification, FX3 also provides hardware
support to detect the resistance values on the ID pin.
FX3 can detect the following resistance ranges:
Less than 10 
Less than 1 k
65 k to 72 k
35 kto 39 k
99.96 k to 104.4 k (102 k2%)
119 k to 132 k
Higher than 220 k
431.2 k to 448.8 k (440 k2%)
FX3's charger detects a dedicated wall charger, Host/Hub
charger, and Host/Hub.
VBUS Overvoltage Protection
The maximum input voltage on FX3's VBUS pin is 6 V. A charger
can supply up to 9 V on VBUS. In this case, an external
overvoltage protection (OVP) device is required to protect FX3
from damage on VBUS. Figure 4 shows the system application
diagram with an OVP device connected on VBUS. Refer to
Table 7 for the operating range of VBUS and VBATT.
Figure 4. System Diagram with OVP Device For VBUS
Carkit UART Mode
The USB interface supports the Carkit UART mode (UART over
D+/D–) for non-USB serial data transfer. This mode is based on
the CEA-936A specification.
In the Carkit UART mode, the output signaling voltage is 3.3 V.
When configured for the Carkit UART mode, TXD of UART
(output) is mapped to the D– line, and RXD of UART (input) is
mapped to the D+ line.
In the Carkit UART mode, FX3 disables the USB transceiver and
D+ and D– pins serve as pass-through pins to connect to the
UART of the host processor. The Carkit UART signals may be
routed to the GPIF II interface or to GPIO[48] and GPIO[49], as
shown in Figure 5 on page 7.
In this mode, FX3 supports a rate of up to 9600 bps.
POWER SUBSYSTEM
EZ-USB FX3
1
8
2
3
4
5
6
7
9
VBUS
GND
SSRX-
SSRX+
SSTX-
SSTX+
D-
D+
OTG_ID
OVP device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com