Electronic Components Datasheet Search
  English  ▼

X  

THS4121CD Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS4121CD
Description  HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4121CD Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS4121CD Datasheet HTML 2Page - Texas Instruments THS4121CD Datasheet HTML 3Page - Texas Instruments THS4121CD Datasheet HTML 4Page - Texas Instruments THS4121CD Datasheet HTML 5Page - Texas Instruments THS4121CD Datasheet HTML 6Page - Texas Instruments THS4121CD Datasheet HTML 7Page - Texas Instruments THS4121CD Datasheet HTML 8Page - Texas Instruments THS4121CD Datasheet HTML 9Page - Texas Instruments THS4121CD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
www.ti.com
−120
−110
−100
−90
−80
−70
−60
−50
−40
100 k
1 M
10 M
f − Frequency − Hz
5th_HD
4th_HD
3rd_HD
3rd_HD
VDD = 3.3 V,
VO = 2 VPP,
RL = 800 Ω,
Rf = 270 Ω,
G = 1
3rd_HD
2nd_HD
Differential Input /
Differential Output
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
5th_HD
4th_HD
3rd_HD
2nd_HD
100 k
1 M
10 M
f − Frequency − Hz
VDD = 3.3 V,
VO = 4 VPP,
RL = 800 Ω,
Rf = 200 Ω,
G = 1
Differential Input /
Differential Output
−100
−90
−80
−70
−60
−50
−40
−30
−20
100 k
1 M
10 M
f − Frequency − Hz
5th_HD
4th_HD
3rd_HD
2nd_HD
VDD = 3.3 V,
VO = 4 VPP,
RL = 800 Ω,
Rf = 200 Ω,
G = 1
Single Input / Differential Output
VDD = 3.3 V,
f = 1 MHz,
RL = 800 Ω,
Rf = 200 Ω,
G = 1
VO − Output Voltage − V
−120
−110
−100
−90
−80
−70
−60
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
3rd_HD
2nd_HD
Differential Input /
Differential Output
THS4120
THS4121
SLOS319D – FEBRUARY 2001 – REVISED OCTOBER 2004
THS4121
THS4121
TOTAL HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
FREQUENCY
FREQUENCY
Figure 5.
Figure 6.
THS4121
THS4121
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
FREQUENCY
OUTPUT VOLTAGE
Figure 7.
Figure 8.
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com