Electronic Components Datasheet Search
  English  ▼

X  

THS4121CD Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS4121CD
Description  HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4121CD Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS4121CD Datasheet HTML 3Page - Texas Instruments THS4121CD Datasheet HTML 4Page - Texas Instruments THS4121CD Datasheet HTML 5Page - Texas Instruments THS4121CD Datasheet HTML 6Page - Texas Instruments THS4121CD Datasheet HTML 7Page - Texas Instruments THS4121CD Datasheet HTML 8Page - Texas Instruments THS4121CD Datasheet HTML 9Page - Texas Instruments THS4121CD Datasheet HTML 10Page - Texas Instruments THS4121CD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
www.ti.com
−120
−110
−100
−90
−80
−70
−60
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5th_HD
4th_HD
3rd_HD
2nd_HD
VDD = 3.3 V,
f = 1 MHz,
RL = 800 Ω,
Rf = 200 Ω,
G = 1
Single Input / Differential Output
VO − Output Voltage − V
−90
−80
−70
−60
−50
−40
−30
−20
−10
−25
−20
−15
−10
−5
0
5
10
VO − Output Voltage − V
f = 10 MHz
f = 5 MHz
VDD = 3.3 V,
f = 1 MHz
Rf = 270 Ω,
RL = 800 Ω
0.95
0.96
0.97
0.98
0.99
1
1.01
1.02
1.03
0
100
200
300
400
500
t − Time − ns
Settling Time,
1% = 40 ns,
0.1% = 60 ns,
0.01% = 292 ns
VDD = 3.3 V,
VO = 2 VPP,
RF = 330 Ω,
RL = 800 Ω,
G = 1
VDD = 3.3 V
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
Source
Sink
100
1k
10k
RL − Load Resistance − Ω
THS4120
THS4121
SLOS319D – FEBRUARY 2001 – REVISED OCTOBER 2004
THS4121
HARMONIC DISTORTION
THIRD INTERMODULALTION DISTORTION
vs
vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE
Figure 9.
Figure 10.
THS4121
OUTPUT VOLTAGE
vs
LOAD RESISTANCE
SETTLING TIME
Figure 11.
Figure 12.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com