Electronic Components Datasheet Search
  English  ▼

X  

THS4121CD Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS4121CD
Description  HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4121CD Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS4121CD Datasheet HTML 6Page - Texas Instruments THS4121CD Datasheet HTML 7Page - Texas Instruments THS4121CD Datasheet HTML 8Page - Texas Instruments THS4121CD Datasheet HTML 9Page - Texas Instruments THS4121CD Datasheet HTML 10Page - Texas Instruments THS4121CD Datasheet HTML 11Page - Texas Instruments THS4121CD Datasheet HTML 12Page - Texas Instruments THS4121CD Datasheet HTML 13Page - Texas Instruments THS4121CD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
www.ti.com
APPLICATION INFORMATION
RESISTOR MATCHING
V
DD
) VSS
2
(1)
_
+
x1
Output Buffer
Vcm Error
Amplifier
C
R
C
R
x1
Output Buffer
VOUT+
VOUT-
VDD
VSS
VIN-
VIN+
30 k
Ω
30 k
Ω
VDD
VSS
VOCM
THS4120
THS4121
SLOS319D – FEBRUARY 2001 – REVISED OCTOBER 2004
Resistor matching is important in fully differential amplifiers. The balance of the output on the reference voltage
depends on matched ratios of the resistors. CMRR, PSRR, and cancellation of the second harmonic distortion
diminish if resistor mismatch occurs. Therefore, it is recommended to use 1% tolerance resistors or better to
keep the performance optimized.
VOCM sets the dc level of the output signals. If no voltage is applied to the VOCM pin, it is set to the midrail voltage
internally defined as:
In the differential mode, the VOCM on the two outputs cancel each other. Therefore, the output in the differential
mode is the same as the input with the gain of 1. VOCM has a high bandwidth capability up to the typical
operation range of the amplifier. For the prevention of noise going through the device, use a 0.1-
µF capacitor on
the VOCM pin as a bypass capacitor. The following graph shows the simplified diagram of the THS412x.
Figure 18. THS412x Simplified Diagram
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com