Electronic Components Datasheet Search
  English  ▼

X  

THS4121CD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS4121CD
Description  HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4121CD Datasheet(HTML) 1 Page - Texas Instruments

  THS4121CD Datasheet HTML 1Page - Texas Instruments THS4121CD Datasheet HTML 2Page - Texas Instruments THS4121CD Datasheet HTML 3Page - Texas Instruments THS4121CD Datasheet HTML 4Page - Texas Instruments THS4121CD Datasheet HTML 5Page - Texas Instruments THS4121CD Datasheet HTML 6Page - Texas Instruments THS4121CD Datasheet HTML 7Page - Texas Instruments THS4121CD Datasheet HTML 8Page - Texas Instruments THS4121CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
www.ti.com
FEATURES
KEY APPLICATIONS
THS4121
D, DGN, OR DGK PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
VIN−
VOCM
VDD
VOUT+
VIN+
NC
GND
VOUT−
THS4120
D, DGN, OR DGK PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
VIN−
VOCM
VDD
VOUT+
VIN+
PD
GND
VOUT−
DESCRIPTION
+
DIGITAL
OUTPUT
VIN
−
+
−
DVDD
VOCM
AVSS
AVDD
AIN
AIN
VDD
Vref
3.3 V
TYPICAL A/D APPLICATION CIRCUIT
THS4120
THS4121
SLOS319D – FEBRUARY 2001 – REVISED OCTOBER 2004
HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
• Simple Single-Ended To Differential
• High Performance
Conversion
–
100 MHz, –3 dB Bandwidth
• Differential ADC Driver/Differential
–
50 V/
µs Slew Rate
Antialiasing
–
75 dB Total Harmonic Distortion at 1 MHz
• Differential Transmitter and Receiver
(VO = 2 VPP)
• Output Level Shifter
–
5.4 nV/
√Hz Input-Referred Noise (10 kHz)
• Differential Input/Differential Output
–
Balanced Outputs Reject Common-Mode
Noise
–
Differential Reduced Second Harmonic
Distortion
• Power Supply Range
–
VDD = 3.3 V
Table 1. HIGH-SPEED DIFFERENTIAL I/O FAMILY
The
THS412x
is
one
in
a
family
of
fully
differential-input,
differential-output
devices
NUMBER OF
DEVICE
POWERDOWN
CHANNELS
fabricated using Texas Instruments' state-of-the-art
submicron CMOS process.
THS4120(1)
1
Yes
THS4121
1
–
The THS412x consists of a true, fully differential
signal path from input to output. This results in
excellent
common-mode
noise
rejection
and
(1)
For proper functiionality, an external 10-k
Ω pullup resistor is
improved total harmonic distortion.
required between the PD pin and the positive supply.
RELATED DEVICES
SINGLE SUPPLY
SPLIT SUPPLY
DEVICE(1)
DESCRIPTION
VOLTAGE RANGE
VOLTAGE RANGE
THS413x
150 MHz, 51 V/
µs, 1.3 nV/√Hz
5 V to 30 V
±2.5 to ±15
THS414x
160 MHz, 450 V/
µs, 6.5 nV/√Hz
5 V to 30 V
±2.5 to ±15
THS415x
150 MHz, 650 V/
µs, 7.6 nV/√Hz
5 V to 30 V
±2.5 to ±15
(1)
See the TI Web site for additional high-speed amplifier devices.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS4121CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4121CD TI1-THS4121CD Datasheet
1Mb / 30P
HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4121CDG4 TI1-THS4121CDG4 Datasheet
1Mb / 30P
HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4121CDGK TI1-THS4121CDGK Datasheet
1Mb / 30P
HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4121CDGKG4 TI1-THS4121CDGKG4 Datasheet
1Mb / 30P
HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4121CDGKR TI1-THS4121CDGKR Datasheet
1Mb / 30P
HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
More results

Similar Description - THS4121CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4140 TI-THS4140 Datasheet
523Kb / 24P
HIGH SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4130 TI-THS4130 Datasheet
569Kb / 27P
HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4120 TI-THS4120 Datasheet
504Kb / 23P
HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4150CDGN TI-THS4150CDGN Datasheet
1,010Kb / 34P
HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
THS4130CDG4 TI-THS4130CDG4 Datasheet
1Mb / 36P
HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
THS4121IDGN TI1-THS4121IDGN Datasheet
1Mb / 30P
HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4141CDGNR TI-THS4141CDGNR Datasheet
1Mb / 33P
HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4121 NSC-THS4121 Datasheet
1Mb / 31P
HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4131 NSC-THS4131 Datasheet
1Mb / 37P
HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
THS4140 NSC-THS4140 Datasheet
1Mb / 33P
HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com