Electronic Components Datasheet Search
  English  ▼

X  

THS4121CD Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # THS4121CD
Description  HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4121CD Datasheet(HTML) 14 Page - Texas Instruments

Back Button THS4121CD Datasheet HTML 10Page - Texas Instruments THS4121CD Datasheet HTML 11Page - Texas Instruments THS4121CD Datasheet HTML 12Page - Texas Instruments THS4121CD Datasheet HTML 13Page - Texas Instruments THS4121CD Datasheet HTML 14Page - Texas Instruments THS4121CD Datasheet HTML 15Page - Texas Instruments THS4121CD Datasheet HTML 16Page - Texas Instruments THS4121CD Datasheet HTML 17Page - Texas Instruments THS4121CD Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
www.ti.com
VOCM
_
+
_
+
VDD
VIN-
VIN+
VO+
VO-
Differential Structure Rejects
Coupled Noise at the Output
Differential Structure Rejects
Coupled Noise at the Input
Differential Structure Rejects
Coupled Noise at the Power Supply
GND
-
Rf
R(g)
+
+
-
GND
VDD
R(g)
Rf
Vs
VIN-
VIN+
VO+
VO-
VOCM
Note: For proper operation, maintain
symmetry by setting
Rf1 = Rf2 = Rf and R(g)1 = R(g)2 = R(g)
⇒ A = Rf/R(g)
-
Rf
R(g)
+
+
-
GND
VDD
R(g)
Rf
Vs
VIN-
VIN+
VO+
VO-
VOCM
GAIN
R(g) Ω
Rf Ω
1
150
150
RECOMMENDED RESISTOR VALUES
V
O +
1
2
V
I
(11)
V
O +
– 1
2
V
I
(12)
THS4120
THS4121
SLOS319D – FEBRUARY 2001 – REVISED OCTOBER 2004
PRINCIPLES OF OPERATION (continued)
Figure 24. Definition of the Fully Differential Amplifier
The following schematics depict the differences between the operation of the THS412x, fully differential
amplifier, in two different modes. Fully differential amplifiers can work with differential input or can be
implemented as single in/differential out.
Figure 25. Amplifying Differential Signals
Figure 26. Single In With Differential Out
If each output is measured independently, each output is one-half of the input signal when gain is 1. The
following equations express the transfer function for each output:
The second output is equal and opposite in sign:
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com