Electronic Components Datasheet Search
  English  ▼

X  

THS4121CD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS4121CD
Description  HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4121CD Datasheet(HTML) 3 Page - Texas Instruments

  THS4121CD Datasheet HTML 1Page - Texas Instruments THS4121CD Datasheet HTML 2Page - Texas Instruments THS4121CD Datasheet HTML 3Page - Texas Instruments THS4121CD Datasheet HTML 4Page - Texas Instruments THS4121CD Datasheet HTML 5Page - Texas Instruments THS4121CD Datasheet HTML 6Page - Texas Instruments THS4121CD Datasheet HTML 7Page - Texas Instruments THS4121CD Datasheet HTML 8Page - Texas Instruments THS4121CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
THS4120
THS4121
SLOS319D – FEBRUARY 2001 – REVISED OCTOBER 2004
MIN
TYP
MAX
UNIT
Split supply
±1.5
±1.65
±1.75
VDD
Supply voltage
V
Single supply
3
3.3
3.5
C suffix
0
70
TA
Operating free-air temperature
°C
I suffix
–40
85
V
DD = 3.3 V, RL = 800 Ω, TA = 25°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC PERFORMANCE
BW
Small-signal bandwidth (–3 dB)
VDD = 3.3 V,
Gain = 1, Rf = 200 Ω
100
MHz
SR
Slew rate(2)
VDD = 3.3 V,
Gain = 1
55
V/
µs
Settling time to 0.1%
60
ts
Differential step voltage = 2 VPP, Gain = 1
ns
Settling time to 0.01%
292
DISTORTION PERFORMANCE
Total harmonic distortion
THD
Differential input, differential output
VDD = 3.3 V,
f = 1 MHz
–75
dB
Gain = 1, Rf = 200 Ω, RL = 800 Ω, VO = 2 VPP
Total harmonic distortion
THD
Differential input, differential output
VDD = 3.3 V,
f = 1 MHz
–66
dB
Gain = 1, Rf = 200 Ω, RL = 800 Ω, VO = 4 VPP
Spurious free dynamic range (SFDR)
Rf = 200 Ω,
f = 1 MHz
–69
dB
Differential input, differential output, VO = 4 VPP
Third intermodulation distortion
VI = 0.071 VRMS
Gain = 1, f = 10 MHz
–75
dBc
NOISE PERFORMANCE
Vn
Input voltage noise
f = 10 kHz
5.4
nV/
√Hz
In
Input current noise
f = 10 kHz
1
fA/
√Hz
DC PERFORMANCE
TA = 25°C
60
66
Open-loop gain
dB
TA = full range
66
TA = 25°C
3
8
Input offset voltage
TA = full range
4
9
mV
VS
TA = 25°C
5
13
Input offset voltage, referred to VOCM
TA = full range
14
Offset voltage drift
TA = full range
25
µV/°C
IIB
Input bias current
1.2
pA
TA = full range
IOS
Input offset current
100
fA
Current offset drift
TA = full range
5
fA/
°C
(1)
The full range temperature is 0
°C to 70°C for the C suffix, and –40°C to 85°C for the I suffix.
(2)
Slew rate is measured differentially from an output level range of 25% to 75%.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com