Electronic Components Datasheet Search
  English  ▼

X  

OPA2180 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2180
Description  0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2180 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA2180 Datasheet HTML 3Page - Texas Instruments OPA2180 Datasheet HTML 4Page - Texas Instruments OPA2180 Datasheet HTML 5Page - Texas Instruments OPA2180 Datasheet HTML 6Page - Texas Instruments OPA2180 Datasheet HTML 7Page - Texas Instruments OPA2180 Datasheet HTML 8Page - Texas Instruments OPA2180 Datasheet HTML 9Page - Texas Instruments OPA2180 Datasheet HTML 10Page - Texas Instruments OPA2180 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
100
10
1
0.1
10
100
1k
10k
100k
Frequency(Hz)
1
Time(1s/div)
Peak-to-PeakNoise=250nV
20
0
2
4
6
8
24
OutputCurrent(mA)
10
12
18
17
16
15
14
-14
-15
-16
-17
-20
16
14
-
°
40 C
+85 C
°
+125 C
°
22
20
19
18
-19
-18
40
35
30
25
20
15
10
5
0
-
55
-
35
-
15
5
25
125
Temperature( C)
°
45
105
85
65
(V )<V
<(V+)
1.5V
-
CM
-
(V )+0.5V<V
<(V+)
1.5V
-
-
CM
V
= 2V
±
SUPPLY
500
400
300
200
100
0
100
200
300
-
-
-
-20
-10
-5
0
5
20
V
(V)
CM
10
-15
+I
B
-IB
I
OS
15
4000
3000
2000
1000
0
1000
2000
-
-
-55
-35
-15
5
25
125
Temperature( C)
°
45
105
85
65
I
B+
I
B-
I
OS
OPA2180
OPA4180
www.ti.com
SBOS584C – NOVEMBER 2011 – REVISED DECEMBER 2012
TYPICAL CHARACTERISTICS
VS = ±18 V, VCM = VS/2, RLOAD = 10 kΩ connected to VS/2, and CL = 100 pF, unless otherwise noted.
IB AND IOS vs COMMON-MODE VOLTAGE
INPUT BIAS CURRENT vs TEMPERATURE
Figure 1.
Figure 2.
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
(Maximum Supply)
CMRR vs TEMPERATURE
Figure 3.
Figure 4.
INPUT VOLTAGE NOISE SPECTRAL DENSITY vs
0.1-Hz TO 10-Hz NOISE
FREQUENCY
Figure 5.
Figure 6.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: OPA2180 OPA4180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com